Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT5089 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT5089
Description  NPN General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT5089 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT5089 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT5089 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
hFE Classification
TYPE
MMBT5088
MMBT5089
Marking
1Q
1R
MMBT5088,MMBT5089
Electrical Characteristics Ta = 25
unless otherwise noted
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
MMBT5088
30
MMBT5089
25
MMBT5088
35
MMBT5089
30
MMBT5088
VCB =20V, IE = 0
50
nA
MMBT5089
VCB =15V, IE = 0
50
nA
VEB =3.0 V, IC = 0
50
nA
VEB =4.5 V, IC = 0
100
nA
MMBT5088
300
900
MMBT5089
400
1200
Collector-emitter saturation voltage
VCE(sat)
IC =10 mA, IB =1.0 mA
0.5
V
Base-emitter saturation voltage
VBE(on)
IC =10 mA, VCE = 5.0 V
0.8
V
Current gain - bandwidth product
fT
IC =500 ìA, VCE = 5.0mA,f = 20 MHz
50
MHz
Collector-base capacitance
Ccb
VCB =5.0 V,IE = 0, f = 100 KHz
4.0
pF
Emitter-base capacitance
Ceb
VBE =0.5 V,IC = 0, f = 100 KHz
10
pF
MMBT5088
350
1400
MMBT5089
450
1800
MMBT5088
3.0
dB
MMBT5089
2.0
dB
DC current gain
V
V
Emitter-base cut-off current
Collector-cutoff current
Collector-base breakdown voltage
Collector-emitter breakdown
voltage
IC =1.0 mA, IB =0
IC =100 ìA, IE =0
IC =100 ìA, VCE =5.0 V
IC =100 ìA, VCE =5.0 V, Rs =10KÙ,
f = 10 Hz to 15.7kHz
IC =1.0 mA, VCE = 5.0 V,f= 1.0 KHz
Small-signal current gain
Noise figure
hfe
NF
hFE
V(BR)CEO
V(BR)CBO
ICBO
IEBO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com