Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1787HVCMS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1787HVCMS8
Description  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787HVCMS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1787HVCMS8 Datasheet HTML 5Page - Linear Technology LT1787HVCMS8 Datasheet HTML 6Page - Linear Technology LT1787HVCMS8 Datasheet HTML 7Page - Linear Technology LT1787HVCMS8 Datasheet HTML 8Page - Linear Technology LT1787HVCMS8 Datasheet HTML 9Page - Linear Technology LT1787HVCMS8 Datasheet HTML 10Page - Linear Technology LT1787HVCMS8 Datasheet HTML 11Page - Linear Technology LT1787HVCMS8 Datasheet HTML 12Page - Linear Technology LT1787HVCMS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1787/LT1787HV
1787fc
PIN FUNCTIONS
FIL–, FIL+ (Pins 1, 8): Negative and Positive Filter Termi-
nals. Differential mode noise can be filtered by connecting
a capacitor across FIL– and FIL+. Pole frequency
f–3dB = 1/(2πRC), R = 1.25kΩ.
VS– (Pin 2): Negative Input Sense Terminal. Negative
sense voltage will result in an output sinking current
proportional to the sense current. VS– is connected to an
internal gain-setting resistor RG1A and supplies bias cur-
rent to the internal amplifier.
DNC (Pin 3): Do Not Connect. Connected internally. Do not
connect external circuitry to this pin.
VEE (Pin 4): Negative Supply or Ground for Single Supply
Operation.
VOUT (Pin 5): Voltage Output or Current Output propor-
tional to the magnitude of the sense current flowing
through RSENSE. For bidirectional current sensing opera-
tion, VOUT = AV • VSENSE + VOUT(O) + VBIAS,
where:
VOUT > VBIAS for VS+ > VS–
VOUT < VBIAS for VS+ < VS–
VOUT(O) is the no load output voltage at VSENSE = 0V.
VBIAS (Pin 6): Output Bias Pin. For single supply, bidirec-
tional current sensing operation, VBIAS is connected to an
external bias voltage, so that at VSENSE = 0V, VOUT =
VOUT(O) + VBIAS. For dual supply, bidirectional current
sensing operation, VBIAS is connected to ground. Thus,
VOUT = VOUT(O) at VSENSE = 0V.
VS+ (Pin 7): Positive Input Sense Terminal. Positive sense
voltage will result in an output sourcing current propor-
tional to the sense current. VS+ is connected to an internal
gain-setting resistor RG2A. Connecting a supply to VS+ and
a load to VS– will allow the LT1787 to measure its own
supply current.
BLOCK DIAGRAM
RSENSE
1787 F 01
RG2A
1.25k
RG2B
1.25k
RG1A
1.25k
RG1B
1.25k
VOUT
IOUT
VBIAS
ROUT
20k
VS
–
–
+
A1
Q1
Q2
CURRENT MIRROR
VEE
FIL–
VS
+
FIL+
ISENSE
Figure 1. LT1787 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com