Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC4422CAT Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC4422CAT
Description  9A HIGH-SPEED MOSFET DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4422CAT Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC4422CAT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4422CAT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4422CAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4422CAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4422CAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4422CAT Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-231
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN CONFIGURATIONS
Tab is
Common
to VDD
NOTE:
1
2
3
4
5
6
7
8
OUTPUT
GND
TC4421
TC4422
TC4421
TC4422
VDD
INPUT
NC
GND
VDD
OUTPUT
Duplicate pins must both be connected
for proper operation.
NC = No connection
both
OUTPUT
INPUT
GND
EFFECTIVE
INPUT C
25 pF
V
300 mV
DD
TC4421/TC4422
Inverting/Noninverting
4.7V
INVERTING
NONINVERTING
FEATURES
s
Tough CMOS™ Construction
s
High Peak Output Current .................................. 9A
s
High Continuous Output Current ............... 2A Max
s
Fast Rise and Fall Times:
— 30 nsec with 4,700 pF Load
— 180 nsec with 47,000 pF Load
s
Short Internal Delays ............................ 30nsec Typ
s
Low Output Impedance ............................ 1.4W Typ
GENERAL DESCRIPTION
The TC4421/4422 are high current buffer/drivers
capable of driving large MOSFETs and IGBTs.
They are essentially immune to any form of upset
except direct overvoltage or over-dissipation — they can-
not be latched under any conditions within their power and
voltage ratings; they are not subject to damage or improper
operation when up to 5V of ground bounce is present on
their ground terminals; they can accept, without either
damage or logic upset, more than 1A inductive current of
either polarity being forced back into their outputs. In addi-
tion, all terminals are fully protected against up to 4 kV of
electrostatic discharge.
The TC4421/4422 inputs may be driven directly from
either TTL or CMOS (3V to 18V). In addition, 300 mV of
hysteresis is built into the input, providing noise immunity
and allowing the device to be driven from slowly rising or
falling waveforms.
TC4421/2-7 -1018/96
TC4421
TC4422
ORDERING INFORMATION
Part No.
Package
Temperature Range
TC4421CAT
5-Pin TO-220
0
°C to +70°C
TC4421CPA
8-Pin PDIP
0
°C to +70°C
TC4421EPA
8-Pin PDIP
– 40
°C to +85°C
TC4421MJA
8-Pin CerDIP
– 55
°C to+125°C
TC4422CAT
5-Pin TO-220
0
°C to +70°C
TC4422CPA
8-Pin PDIP
0
°C to +70°C
TC4422EPA
8-Pin PDIP
– 40
°C to +85°C
TC4422MJA
8-Pin CerDIP
– 55
°C to+125°C
FUNCTIONAL BLOCK DIAGRAM
9A HIGH-SPEED MOSFET DRIVERS
APPLICATIONS
s
Line Drivers for Extra-Heavily-Loaded Lines
s
Pulse Generators
s
Driving the Largest MOSFETs and IGBTs
s
Local Power ON/OFF Switch
s
Motor and Solenoid Driver
5-Pin TO-220
8-Pin Plastic DIP/CerDIP


Similar Part No. - TC4422CAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4422CAT MICROCHIP-TC4422CAT Datasheet
458Kb / 14P
9A High-Speed MOSFET Drivers
2002
TC4422CAT MICROCHIP-TC4422CAT Datasheet
334Kb / 18P
9A High-Speed MOSFET Drivers
2004
More results

Similar Description - TC4422CAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
9A High-Speed MOSFET Drivers
08/24/04
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com