Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1952IGN-1TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1952IGN-1TRPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN-1TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT1952IGN-1TRPBF Datasheet HTML 1Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 2Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 3Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 4Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 5Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 6Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 7Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 8Page - Linear Technology LT1952IGN-1TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1952/LT1952-1
4
19521fd
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1952EGN/LT1952EGN-1 are guaranteed to meet
performance specifications from 0°C to 125°C junction temperature.
Specifications over the –40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LT1952IGN/LT1952IGN-1 are guaranteed
over the full –40°C to 125°C operating junction temperature range.
Note 3: Rise and Fall times are measured at 10% and 90% levels.
Note 4: Guaranteed by correlation to static test.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SOUT DRIVER
SOUT Clamp Voltage
I(GATE) = 0μA, COMP = 2.5V, FB = 1V
10.5
12
13.5
V
SOUT Low Level
I(GATE) = 25mA
0.5
0.75
V
SOUT High Level
I(GATE) = –25mA, VIN = 12V, COMP = 2.5V,
FB = 1V
10
V
SOUT Active Pull-Off in Shutdown
VIN = 5V, SD_VSEC = 0V, SOUT = 1V
1
mA
SOUT to OUT (Rise) DELAY (tDELAY)
COMP = 2.5V, FB = 1V (Note 10)
RDELAY = 120k
40
120
ns
ns
VDELAY
0.9
V
OUT DRIVER
OUT Rise Time
FB = 1V, CL = 1nF (Notes 3, 6)
50
ns
OUT Fall Time
FB = 1V, CL = 1nF (Notes 3, 6)
30
ns
OUT Clamp Voltage
I(GATE) = 0μA, COMP = 2.5V, FB = 1V
11.5
13
14.5
V
OUT Low Level
I(GATE) = 20mA
I(GATE) = 200mA
0.45
1.25
0.75
1.8
V
V
OUT High Level
I(GATE) = –20mA, VIN = 12V, COMP = 2.5V,
FB = 1V
I(GATE) = –200mA, VIN = 12V, COMP = 2.5V,
FB = 1V
9.9
9.75
V
V
OUT Active Pull-Off in Shutdown
VIN = 5V, SD_VSEC = 0V, OUT = 1V
20
mA
OUT Max Duty Cycle
COMP = 2.5V, FB = 1V, RDELAY = 10k
(fOSC = 200kHz), VIN = 10V
SD_VSEC = 1.4V, SS_MAXDC = VREF
83
90
%
OUT Max Duty Cycle Clamp
COMP = 2.5V, FB = 1V, RDELAY = 10k
(fOSC = 200kHz), VIN = 10V
SD_VSEC = 1.32V, SS_MAXDC = 1.84V
SD_VSEC = 2.64V, SS_MAXDC = 1.84V
63.5
25
72
33
80.5
41
%
%
SOFT-START
SS_MAXDC Low Level: VOL
I(SS_MAXDC) = 150μA, OC = 1V
0.2
V
SS_MAXDC Soft-Start Reset Threshold
Measured on SS_MAXDC
0.45
V
SS_MAXDC Active Threshold
FB = 1V, DC > 0%
0.8
V
SS_MAXDC Input Current (Soft-Start Pull-Down: Idis)
SS_MAXDC = 1V, SD_VSEC = 1.4V, OC = 1V
800
μA
Note 5: Each IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when over-temperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: Guaranteed but not tested.
Note 7: Maximum recommended SYNC frequency = 500kHz.
Note 8: In applications where the VIN pin is supplied via an external RC
network from a SYSTEM VIN > 25V, an external zener with clamp voltage
VIN ON(MAX) < VZ < 25V should be connected from the VIN pin to ground.
Note 9: VIN start-up current is measured at VIN = VIN ON – 0.25V and
scaled by x 1.18 (to correlate to worst case VIN start-up current at VIN ON).
Note 10: Timing for R = 40k derived from measurement with R = 240k.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF
= 0.1μF, SD_VSEC = 2V, BLANK = 121k, DELAY = 121k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com