Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCP69 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCP69
Description  PNP Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP69 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP69 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP69 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 base
2 collector
3 emitter
PNP Medium Power Transistor
BCP69
Features
High current.
Three current gain selections.
1.4 W total power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-32
V
Collector-emitter voltage
VCEO
-20
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
IC
-1
A
Peak collector current
ICM
-2
A
Peak base current
IBM
-200
mA
Total power dissipation
* 1
0.625
W
*2
1
W
*3
1.4
W
Storage temperature
Tstg
-65to+150
Junction temperature
T
j150
Operating ambient temperature
Tamb
-65to+150
Thermal resistance from junction to ambient *
*1
200
K/W
*2
125
K/W
*3
89
K/W
Thermal resistance from junction to solder point
Rth(j-s)
15
K/W
*1 Device mounted on a FR4 PCB; single-sided copper; tinplated; standard footprint -for SOT223.
*2 Device mounted on a FR4 PCB; single-sided copper; tinplated; 1 cm
2 collector mounting pad.
*3 Device mounted on a FR4 PCB; single-sided copper; tinplated; 6 cm
2 collector mounting pad.
Ptot
Rth(j-a)


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
PNP medium power transistor
1999 Aug 04
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772 Datasheet
90Kb / 8P
PNP MEDIUM POWER TRANSISTOR
09-Sep-2005
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
PNP medium power transistor
02-Oct-2007
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
Medium Power PNP Transistor
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
PNP Medium Power Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
PNP medium power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
PNP medium power transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
PNP Medium Power Transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
PNP Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com