Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC820CPL Datasheet(PDF) 15 Page - TelCom Semiconductor, Inc

Part # TC820CPL
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CPL Datasheet(HTML) 15 Page - TelCom Semiconductor, Inc

Back Button TC820CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
3-163
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
Additional Features
The TC820 is available in 40-pin and 44-pin packages.
Several additional features are available in the 44-pin pack-
age.
EOC/HOLD
EOC/HOLD is a dual-purpose, bidirectional pin. As an
output, this pin goes low for 10 clock cycles at the end of each
conversion. This pulse latches the conversion data into the
display driver section of the TC820.
EOC/HOLD can be used to hold (or "freeze") the dis-
play. Connecting this pin to VDD inhibits the display update
process. Conversions will continue, but the display will not
change. EOC/HOLD will hold the display reading for either
analog-to-digital or frequency measurements.
The input/output structure of the EOC/HOLD pin is
shown in Figure 10. The output drive current is only a few
microAmps, so EOC/HOLD can easily be overdriven by an
open-collector logic gate, as well as a FET, bipolar transis-
tor, or mechanical switch. When used as an output, EOC/
HOLD will have a slow rise and fall time due to the limited
output current drive. A CMOS Schmitt trigger buffer is
recommended.
Connecting the LOGIC input to VDD places the TC820
in the logic probe mode. In this mode, the DP0/LO and DP1/
HI inputs control the LCD "low" and "high" annunciators
directly. When DP1/HI is connected to VDD, the "high"
annunciator will turn on. When DP0/LO is connected to VDD,
the "low" annunciator and the buzzer will turn on. The
internal pull-downs on these pins are disabled when the
logic probe function is selected.
These inputs have CMOS logic switching thresholds.
For optimum performance as a logic probe, external level
shifters are recommended. See the applications section for
details.
BUZ IN
This input controls the TC820 on-chip buzzer driver.
Connecting BUZ IN to VDD will turn the buzzer on. There is
an external pull-down to DGND. BUZ IN can be used with
external circuitry to provide additional functions, such as a
fast, audible continuity indication.
Figure 10. EOC/HOLD Pin Schematic
Ω
4
500 k
≈
EOC/HOLD
DISPLAY
UPDATE
EOC
TC820
Overrange (OR), Underrange (UR)
The OR output will be high when the analog input signal
is greater than full scale (3999 counts). The UR output will
be high when the display reading is 380 counts or less.
The OR and UR outputs can be used to provide an auto-
ranging meter function. By logically ANDing these outputs
with the inverted EOC/HOLD output, a single pulse will be
generated each time an underranged or overranged conver-
sion occurs (Figure 11).
VDISP
The VDISP input sets the peak-to-peak LCD drive volt-
age. In the 40-pin package, VDISP is connected internally to
DGND, providing a typical LCD drive voltage of 5VP-P. The
44-pin package includes a separate VDISP input for applica-
tions requiring a variable or temperature-compensated LCD
drive voltage. See the applications information for sug-
gested circuits.
EOC/HOLD
TC820
UR
OR
74HC132
*
*
*
*
Figure 11. Generating Underrange and Overrange Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com