Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMDF2C03HD Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KMDF2C03HD
Description  Power MOSFET 2 Am, 30 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMDF2C03HD Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KMDF2C03HD Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMDF2C03HD Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KMDF2C03HD Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
N-Ch
100
P-Ch
100
N-Ch
30
P-Ch
30
N-Ch
1
P-Ch
1
N-Ch
1.0
1.7
3.0
P-Ch
1.0
1.5
2.0
ID=3.0A,VGS=10A
0.06
0.070
ID=1.5A,VGS=4.5V
0.17
0.200
ID=2.0A,VGS=10V
0.065 0.075
ID=1.0A,VGS=4.5V
0.225 0.300
ID=1.5A,VDS=3.0V
N-Ch
2.0
3.6
ID=1.0A,VDS=3V
P-Ch
2.0
3.4
N-Channel
N-Ch
450
630
VDS=24V,VGS=0V,f=1MHz
P-Ch
397
550
N-Ch
160
225
P-Channel
P-Ch
189
250
VDS=24V,VGS=0V,f=1MHz
N-Ch
35
70
P-Ch
64
126
ID=3.0A,VDD=15V
N-Ch
12
24
ID=2.0A,VDD=-15V
P-Ch
16
32
N-Channel
N-Ch
65
130
VGS=4.5V,RG=9.1
P-Ch
18
36
N-Ch
16
32
P-Channel
P-Ch
63
126
VGS=4.5V,,RG=6.0
N-Ch
19
38
P-Ch
194
390
ID=3.0A,VDD=15V
N-Ch
8.0
16
ID=2.0A,VDD=-15V
P-Ch
9.0
18
N-Channel
N-Ch
15
30
VGS=10V,RG=9.1
P-Ch
10
20
N-Ch
30
60
P-Channel
P-Ch
81
162
VGS=10V,,RG=6.0
N-Ch
23
46
P-Ch
192
384
N-Channel
N-Ch
11.5
16
VDS=10V,ID=3.0A,VGS=10 V
P-Ch
14.2
19
N-Ch
1.5
P-Channel
P-Ch
1.1
VDS =24V, ID =2.0 A,VGS=10V
N-Ch
3.5
P-Ch
4.5
N-Ch
2.8
P-Ch
3.5
pF
ns
ns
ns
ns
tf
Fall time *1
Testconditons
N-Ch
P-Ch
ID=250
A,VGS=0V
VDS=30V,VGS=0V
tr
Rise time *1
td (off)
Turn-off delay time *1
tf
Fall time *1
td (on)
Turn-on delay time *1
RDS (on)
Static drain-source on-state
resistance *1
td (off)
Turn-off delay time *1
Crss
Reverse transfer capacitance
Ciss
Input capacitance
td (on)
Turn-on delay time
tr
Rise time
pF
pF
Coss
Output capacitance
RDS (on)
Static drain-source on-state
resistance *1
gFS
Forward Transconductance
IDSS
Zero gate voltage drain current
VGS (th)
IGSS
Gate-source leakage
V(BR) DSS
Drain-source breakdown voltage
Gate threshold voltage *1
VGS=
20V,VDS=0V
VDS =VGS,ID = 250
A
ns
ns
S
nA
V
A
V
ns
ns
Q3
Gate?Source Charge *2
Gate?Drain Charge *2
nC
QT
Total Gate Charge *2
Q1
Q2
KMDF2C03HD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com