Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4774 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4774
Description  High Frequency Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4774 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4774 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
High Frequency Amplifier
2SC4774
Features
Very low output-on resistance (Ron).
Low capacitance.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
12
V
Collector-emitter voltage
VCEO
6V
Emitter-base voltage
VEBO
3V
Collector current
IC
50
mA
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
BVCBO
IC=10ìA
12
V
Collector-emitter voltage
BVCEO
IC=1mA
6
V
Emitter-base voltage
BVEBO
IE=10ìA
3
V
Collector cutoff current
ICBO
VCB=10V
0.5
ìA
Emitter cutoff current
IEBO
VEB=2V
0.5
ìA
Collector-emitter saturation voltage
VCE(sat) IC/IB=10mA/1mA
0.3
V
Forward current transfer ratio
hFE
VCE/IC=5V/5mA
270
560
Transition frequency
fT
VCE=5V, IE= -10mA, f=200MHz
300
800
MHz
Output capacitance
Cob
VCB=10V, IE=0A, f=1MHz
1
1.7
pF
Output-on resistance
Ron
IB=3mA, VI=100mVrms, f=500kHz
2
Ù
Marking
Marking
BMS


Similar Part No. - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
High frequency amplifier transistor RF switching (6V, 50mA)
2SC4774 ROHM-2SC4774 Datasheet
37Kb / 1P
FOR AUDIO TEMPERATUEE COMPENSATION CIRCUITS
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
240Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
More results

Similar Description - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5025 HITACHI-2SC5025 Datasheet
11Kb / 3P
High frequency amplifier
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
High frequency amplifier
logo
Fairchild Semiconductor
KSC2223 FAIRCHILD-KSC2223 Datasheet
71Kb / 5P
High Frequency Amplifier
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Calogic, LLC
2N5484 CALOGIC-2N5484_15 Datasheet
87Kb / 2P
HIGH FREQUENCY AMPLIFIER
2N5911 CALOGIC-2N5911_15 Datasheet
41Kb / 2P
High Frequency Amplifier
logo
Leshan Radio Company
L2SC4083PT1G LRC-L2SC4083PT1G_15 Datasheet
519Kb / 2P
High-Frequency Amplifier
logo
ON Semiconductor
KSC2223 ONSEMI-KSC2223 Datasheet
183Kb / 7P
High Frequency Amplifier
Rev. B2, November 2002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com