Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2PC4081 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2PC4081
Description  NPN General Purpose Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PC4081 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2PC4081 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
1 Emitter
2 Base
3 Collector
www.kexin.com.cn
NPN General Purpose Transistor
2PC4081
Features
High current (max. 100 mA)
Low voltage (max. 40 V)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Peak collector current
ICM
200
mA
Peak base current
IBM
200
mA
Total power dissipation *
Ptot
200
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
-65to+150
Thermal resistance from junction to ambient
Rth j-a
625
K/W
* Transistor mounted on an FR4 printed-circuit board.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
IE =0; VCB = 30 V
100
nA
IE =0; VCB =30V; Tj = 150
5ìA
Emitter cut-off current
IEBO
IC =0; VEB = 4 V
100
nA
DC current gain
2PC4081Q
2PC4081R
2PC4081S
hFE
IC =1mA; VCE =6V
120
180
270
270
390
560
Collector-emitter saturation voltage
VCE(sat) IC =50mA; IB = 5 mA; *
400
mV
Collector capacitance
Cc
IE =ie =0; VCB =12V; f = 1MHz
2
3.5
pF
Transition frequency
fT
IC =2mA; VCE =12V; f =100 MHz
100
MHz
* Pulse test: tp
300 ìs; ä
0.02.
hFE Classification
TYPE
2PC4081Q
2PC4081R
2PC4081S
Marking
ZQ
ZR
ZS


Similar Part No. - 2PC4081

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PC4081 PHILIPS-2PC4081 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 08
2PC4081 NXP-2PC4081 Datasheet
91Kb / 7P
NPN general-purpose transistor
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PC4081 NEXPERIA-2PC4081 Datasheet
285Kb / 7P
NPN general-purpose transistor
Rev. 06 - 17 November 2009
logo
NXP Semiconductors
2PC4081Q PHILIPS-2PC4081Q Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 08
2PC4081Q NXP-2PC4081Q Datasheet
91Kb / 7P
NPN general-purpose transistor
Rev. 06-17 November 2009
More results

Similar Description - 2PC4081

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com