Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS87C52X2-VCJR Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # TS87C52X2-VCJR
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS87C52X2-VCJR Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button TS87C52X2-VCJR Datasheet HTML 9Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 10Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 11Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 12Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 13Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 14Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 15Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 16Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 17Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Rev. B - Jan. 25, 1999
13
Preliminary
TS80C52X2
6.3 Timer 2
The timer 2 in the
TS80C52X2 is compatible with the timer 2 in the 80C52.
It is a 16-bit timer/counter: the count is maintained by two eight-bit timer registers, TH2 and TL2, connected in
cascade. It is controlled by T2CON register (See Table 6) and T2MOD register (See Table 7). Timer 2 operation
is similar to Timer 0 and Timer 1. C/T2 selects FOSC/12 (timer operation) or external pin T2 (counter operation)
as the timer clock input. Setting TR2 allows TL2 to be incremented by the selected input.
Timer 2 has 3 operating modes: capture, autoreload and Baud Rate Generator. These modes are selected by the
combination of RCLK, TCLK and CP/RL2 (T2CON), as described in the TEMIC 8-bit Microcontroller Hardware
description.
Refer to the TEMIC 8-bit Microcontroller Hardware description for the description of Capture and Baud Rate
Generator Modes.
In
TS80C52X2 Timer 2 includes the following enhancements:
q
Auto-reload mode with up or down counter
q
Programmable clock-output
6.3.1 Auto-Reload Mode
The auto-reload mode configures timer 2 as a 16-bit timer or event counter with automatic reload. If DCEN bit
in T2MOD is cleared, timer 2 behaves as in 80C52 (refer to the TEMIC 8-bit Microcontroller Hardware description).
If DCEN bit is set, timer 2 acts as an Up/down timer/counter as shown in Figure 4. In this mode the T2EX pin
controls the direction of count.
When T2EX is high, timer 2 counts up. Timer overflow occurs at FFFFh which sets the TF2 flag and generates
an interrupt request. The overflow also causes the 16-bit value in RCAP2H and RCAP2L registers to be loaded
into the timer registers TH2 and TL2.
When T2EX is low, timer 2 counts down. Timer underflow occurs when the count in the timer registers TH2 and
TL2 equals the value stored in RCAP2H and RCAP2L registers. The underflow sets TF2 flag and reloads FFFFh
into the timer registers.
The EXF2 bit toggles when timer 2 overflows or underflows according to the the direction of the count. EXF2
does not generate any interrupt. This bit can be used to provide 17-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com