Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2734 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2734
Description  Silicon NPN Epitaxial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2734 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2734 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
Transistors
www.kesenes.com
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial
2SC2734
Features
UHF frequency converter
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
11
V
Emitter-base voltage
VEBO
3V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC = 10ìA , IE =0
20
V
Collector-emitter breakdown voltage
VCEO
IC =1mA ,RBE =
11
V
Emitter-base breakdown voltage
VEBO
IE = 10ìA , IC =0
3
V
Collector cutoff current
ICBO
VCB = 10V, IC =0
0.5
A
Collector to emitter saturation voltage
VCE(sat) IC =10mA, IB =5mA
0.7
V
DC current gain
hFE
VCE =10V,IC = 5 mA
20
90
200
Collector output capacitance
Cob
VCB =10V,IE = 0, f = 1 MHz
0.9
1.5
pF
Conversion gain
CG
VCC =6V, IC =2mA,f =900 MHz,
fosc = 930 MHz (0dBm) ,f = 30 MHz
15
dB
Noise figure
NF
VCC =6V, IC = 2 mA, f = 900 MHz,
fosc = 930 MHz (0dBm) , fout =30MHz
9dB
Oscillating output voltage
VOSC
VCC =6V, IC = 5 mA, f = 930 MHz
140
mV
Transition frequency
fT
VCE =10V,IC =10mA
1.4
3.5
GHz
www.kexin.com.cn
Marking
Marking
GC


Similar Part No. - 2SC2734

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2734 RENESAS-2SC2734 Datasheet
91Kb / 8P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC2734 ISC-2SC2734 Datasheet
138Kb / 4P
isc Silicon NPN RF Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC2734 WINNERJOIN-2SC2734 Datasheet
129Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2734 FOSHAN-2SC2734 Datasheet
600Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC2734

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com