Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3592EDDB Datasheet(PDF) 21 Page - Linear Technology

Part # LT3592EDDB
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592EDDB Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3592EDDB Datasheet HTML 16Page - Linear Technology LT3592EDDB Datasheet HTML 17Page - Linear Technology LT3592EDDB Datasheet HTML 18Page - Linear Technology LT3592EDDB Datasheet HTML 19Page - Linear Technology LT3592EDDB Datasheet HTML 20Page - Linear Technology LT3592EDDB Datasheet HTML 21Page - Linear Technology LT3592EDDB Datasheet HTML 22Page - Linear Technology LT3592EDDB Datasheet HTML 23Page - Linear Technology LT3592EDDB Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3592
21
3592fa
TYPICAL APPLICATIONS
Single Red LED Driver with Boost Diode to VIN Due to Low VOUT
15μH
30k
3592 TA02
22μF
1μF
0.4Ω
10k
357k
400kHz
0.1μF
VIN
SHDN
BRIGHT
RT
BOOST
SW
DA
CAP
OUT
VFB
LT3592
1N4148
MBRA120
LUXEON
LXK2-PD12-S00
GND
VIN
5V TO 16V
FAULT
ON
OFF
6.8μH
51k
3592 TA03
4.7μF
1μF
0.4Ω
10k
48.7k
2.2MHz
10μH
BEAD
0.1μF
CMMSHI-40
VIN
SHDN
BRIGHT
RT
BOOST
SW
DA
CAP
OUT
VFB
LT3592
GND
3.3μF
10nF
VIN
8V TO 32V
BRAKE
+
200/20mV
–
ON
OFF
LUXEON
LXK2-PD12-S00
50mA/500mA Two Series Red LED Driver
5V Supply with 500mA Current Limit
6.8μH
31.6k
3592 TA04
4.7μF
1μF
0.4Ω
10k
48.7k
2.2MHz
0.1μF
MBRA140
VIN
SHDN
BRIGHT
RT
BOOST
SW
DA
CAP
OUT
VFB
LT3592
GND
VIN
8V TO 32V
5V
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com