Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3592IMSE-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3592IMSE-TRPBF
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3592IMSE-TRPBF Datasheet HTML 1Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 2Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 3Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 4Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 5Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 6Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 7Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 8Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3592
5
3592fa
Undervoltage Lockout
vs Temperature
Switching Frequency
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit During Soft Start
Frequency Foldback
Switch Current Limit
Switch Current Limit
Operating Waveforms
Operating Waveforms,
Discontinuous Mode
(TA = 25°C, unless otherwise noted)
TEMPERATURE (°C)
–50
3.4
3.3
3.2
3.1
100
3592 G10
150
050
TEMPERATURE (°C)
–50
2300
1700
1900
2100
1500
1300
1100
900
700
500
300
110
3592 G11
130
–30 –10
90
70
50
30
10
RT = 357k
RT = 140k
RT = 48.7k
VSHDN (V)
0.5
1400
1200
1000
800
600
400
200
0
2
3592 G12
2.5
1.5
1
SHDN VOLTAGE (mV)
600
2500
2000
1500
1000
500
0
2000
3592 G13
2200
1000 1200 1400 1600 1800
800
RT = 48.7k
DUTY CYCLE (%)
0
1.4
1.3
1.2
1.1
0.8
0.9
1
0.7
0.6
0.5
80
3592 G14
100
40
60
20
TEMPERATURE (°C)
–50
1.50
1.40
1.45
1.35
1.30
1.15
1.20
1.25
1.10
1.05
1.00
90 110
3592 G15
130
30
10
70
50
–30 –10
TYPICAL
VSW
5V/DIV
VCAP
10mV/DIV
AC COUPLED
IL
500mA/DIV
3592 G16
500ns/DIV
VSW
5V/DIV
VCAP
10mV/DIV
AC COUPLED
IL
500mA/DIV
3592 G17
500ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com