Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREFIR-AR Datasheet(PDF) 2 Page - Actel Corporation

Part # COREFIR-AR
Description  CoreFIR Finite Impulse Response (FIR) Filter Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREFIR-AR Datasheet(HTML) 2 Page - Actel Corporation

  COREFIR-AR Datasheet HTML 1Page - Actel Corporation COREFIR-AR Datasheet HTML 2Page - Actel Corporation COREFIR-AR Datasheet HTML 3Page - Actel Corporation COREFIR-AR Datasheet HTML 4Page - Actel Corporation COREFIR-AR Datasheet HTML 5Page - Actel Corporation COREFIR-AR Datasheet HTML 6Page - Actel Corporation COREFIR-AR Datasheet HTML 7Page - Actel Corporation COREFIR-AR Datasheet HTML 8Page - Actel Corporation COREFIR-AR Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CoreFIR
2
v3.0
Device Utilization and Performance
The CoreFIR generates FIR filters with many configurations. Table 1 provides the typical utilization and performance
data for the generated FIR filters implemented with the configurations listed in Table 2 on page 3. Refer to Table 2 on
page 3 for the Configuration column in Table 1.
Table 1 • CoreFIR Device Utilization and Performance
Family
Configuration
Cells or Tiles
RAM
Blocks
Utilization
Performance
MHz
Combinatorial
Sequential
Total
Device
Total
Fusion
1
454
129
583
0
AFS060
38%
69
Fusion
2
1410
375
1784
0
AFS250
29%
56
Fusion
3
3080
679
3759
0
AFS250
61%
52
Fusion
4
5511
935
6446
8
AFS600
47%
45
Fusion
5
7089
1708
8797
0
AFS600
64%
40
Fusion
6
24356
3718
28074
45
AFS1500
73%
31
ProASIC3
1
454
129
583
0
A3P060
38%
69
ProASIC3
2
1410
375
1785
0
A3P125
58%
56
ProASIC3
3
3080
679
3759
0
A3P1000
15%
52
ProASIC3
4
5511
935
6446
8
A3P1000
26%
45
ProASIC3
5
7089
1708
8797
0
A3P1000
36%
40
ProASIC3
6
24356
3718
28074
45
A3P1500
73%
31
ProASICPLUS
1
558
116
674
0
APA075
22%
29
ProASICPLUS
2
2054
427
2481
0
APA150
40%
19
ProASICPLUS
3
3540
661
4201
0
APA1000
8%
19
ProASICPLUS
4
6391
872
7271
8
APA1000
13%
17
ProASICPLUS
5
8775
1606
10381
0
APA750
32%
13
Axcelerator
1
229
148
377
0
AX125
19%
174
Axcelerator
2
693
478
1171
0
AX250
28%
110
Axcelerator
3
1231
719
1950
0
AX250
46%
111
Axcelerator
4
2249
852
3101
4
AX500
38%
74
Axcelerator
5
3129
1704
4833
0
AX1000
27%
73
Axcelerator
6
9132
3355
12487
32
AX2000
39%
46
RTAX-S
1
229
148
377
0
RTAX1000S
2%
114
RTAX-S
2
693
478
1171
0
RTAX1000S
6%
76
RTAX-S
3
1231
719
1950
0
RTAX1000S
11%
66
RTAX-S
4
2249
852
3101
4
RTAX1000S
17%
41
RTAX-S
5
3129
1704
4833
0
RTAX1000S
27%
45
RTAX-S
6
9132
3355
12487
32
RTAX2000S
39%
29
SX-A
1
386
159
545
0
A54SX16A
38%
112
SX-A
2
1115
480
1595
0
A54SX72A
26%
64
SX-A
3
1831
727
2558
0
A54SX72A
42%
63
RTSX-S
1
381
159
540
0
RT54SX32S
19%
52
RTSX-S
2
1115
480
1595
0
RT54SX72S
26%
36
RTSX-S
3
1831
727
2558
0
RT54SX72S
42%
36
Notes:
1. The data above are obtained by typical synthesis and place-and-route methods. Other core parameters can result in different
utilization and performance.
2. Cell (tile) count may vary depending on the actual coefficient values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com