Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AGLP060-V2CS289I Datasheet(PDF) 7 Page - Actel Corporation

Part # AGLP060-V2CS289I
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060-V2CS289I Datasheet(HTML) 7 Page - Actel Corporation

Back Button AGLP060-V2CS289I Datasheet HTML 3Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 4Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 5Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 6Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 7Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 8Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 9Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 10Page - Actel Corporation AGLP060-V2CS289I Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IGLOO PLUS Low-Power Flash FPGAs
v1.3
1 - 3
upgrades with confidence that valuable intellectual property cannot be compromised or copied.
Secure ISP can be performed using the industry-standard AES algorithm. The IGLOO PLUS family
device architecture mitigates the need for ASIC migration at higher user volumes. This makes the
IGLOO PLUS family a cost-effective ASIC replacement solution, especially for applications in the
consumer, networking/communications, computing, and avionics markets.
Firm-Error Immunity
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere,
strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way.
These errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be
a complete system failure. Firm errors do not exist in the configuration memory of IGLOO PLUS
flash-based FPGAs. Once it is programmed, the flash cell configuration element of IGLOO PLUS
FPGAs cannot be altered by high-energy neutrons and is therefore immune to them. Recoverable
(or soft) errors occur in the user data SRAM of all FPGA devices. These can easily be mitigated by
using error detection and correction (EDAC) circuitry built into the FPGA fabric.
Advanced Flash Technology
The IGLOO PLUS family offers many benefits, including nonvolatility and reprogrammability,
through an advanced flash-based, 130 nm LVCMOS process with seven layers of metal. Standard
CMOS design techniques are used to implement logic and control functions. The combination of
fine granularity, enhanced flexible routing resources, and abundant flash switches allows for very
high logic utilization without compromising device routability or performance. Logic functions
within the device are interconnected through a four-level routing hierarchy.
IGLOO PLUS family FPGAs utilize design and process techniques to minimize power consumption in
all modes of operation.
Advanced Architecture
The proprietary IGLOO PLUS architecture provides granularity comparable to standard-cell ASICs.
The IGLOO PLUS device consists of five distinct and programmable architectural features
(Figure 1-1 on page 1-4):
•
Flash*Freeze technology
•
FPGA VersaTiles
•
Dedicated FlashROM
•
Dedicated SRAM/FIFO memory†
•
Extensive CCCs and PLLs†
•
Advanced I/O structure
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input
logic function, a D-flip-flop (with or without enable), or a latch by programming the appropriate
flash switch interconnections. The versatility of the IGLOO PLUS core tile as either a three-input
lookup table (LUT) equivalent or a D-flip-flop/latch with enable allows for efficient use of the FPGA
fabric. The VersaTile capability is unique to the Actel ProASIC family of third-generation-
architecture flash FPGAs. VersaTiles are connected with any of the four levels of routing hierarchy.
Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable
interconnect programming. Maximum core utilization is possible for virtually any design.
In addition, extensive on-chip programming circuitry allows for rapid, single-voltage (3.3 V)
programming of IGLOO PLUS devices via an IEEE 1532 JTAG interface.
†
The AGLP030 device does not support PLL or SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com