Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AGLP060-V2CS289ES Datasheet(PDF) 1 Page - Actel Corporation

Part # AGLP060-V2CS289ES
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060-V2CS289ES Datasheet(HTML) 1 Page - Actel Corporation

  AGLP060-V2CS289ES Datasheet HTML 1Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 2Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 3Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 4Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 5Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 6Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 7Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 8Page - Actel Corporation AGLP060-V2CS289ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
December 2008
I
© 2008 Actel Corporation
IGLOO PLUS Low-Power Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
Low Power
• 1.2 V to 1.5 V Core Voltage Support for Low Power
• Supports Single-Voltage System Operation
• 5 µW Power Consumption in Flash*Freeze Mode
• Low-Power Active FPGA Operation
• Flash*Freeze
Technology
Enables
Ultra-Low
Power
Consumption while Maintaining FPGA Content
• Configurable Hold Previous State, Tristate, HIGH, or LOW
State per I/O in Flash*Freeze Mode
• Easy Entry To / Exit From Ultra-Low-Power Flash*Freeze Mode
Feature Rich
• 30 k to 125 k System Gates
• Up to 36 kbits of True Dual-Port SRAM
• Up to 212 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal, Flash-Based CMOS Process
• Live-at-Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design When Powered Off
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption via JTAG (IEEE 1532–compliant)†
•FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
• 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—4 Banks per Chip on All
IGLOO® PLUS Devices
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V / 2.5 V / 1.8 V / 1.5 V / 1.2 V
• Selectable Schmitt Trigger Inputs
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold-Sparing I/Os
• Programmable Output Slew Rate and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Small-Footprint Packages across the IGLOO
PLUS Family
Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable
Phase
Shift,
Multiply/Divide,
Delay
Capabilities, and External Feedback
• Wide Input Frequency Range (1.5 MHz up to 250 MHz)
Embedded Memory
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)†
®
† The AGLP030 device does not support this feature.
Table 1-1 • IGLOO PLUS Product Family
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
System Gates
30 k
60 k
125 k
Typical Equivalent Macrocells
256
512
1,024
VersaTiles (D-flip-flops)
792
1,584
3,120
Flash*Freeze Mode (typical, µW)
5
10
16
RAM kbits (1,024 bits)
–18
36
4,608-Bit Blocks
–4
8
Secure (AES) ISP
–Yes
Yes
FlashROM Bits
1 k1 k1 k
Integrated PLL in CCCs 1
–
1
1
VersaNet Globals 2
618
18
I/O Banks
44
4
Maximum User I/Os
120
157
212
Package Pins
CS
VQ
CS201, CS289
VQ128
CS201, CS289
VQ176
CS281, CS289
Notes:
1. AGLP060 in CS201 does not support the PLL.
2. Six chip (main) and twelve quadrant global networks are available for AGLP060 and AGLP125.
v1.3


Similar Part No. - AGLP060-V2CS289ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLP060 MICROSEMI-AGLP060 Datasheet
6Mb / 134P
IGLOO PLUS Low Power Flash FPGAs
logo
Actel Corporation
AGLP060 ACTEL-AGLP060 Datasheet
4Mb / 128P
IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGLP060-V2CS289ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
AGLP125V2-CS281I MICROSEMI-AGLP125V2-CS281I Datasheet
6Mb / 134P
IGLOO PLUS Low Power Flash FPGAs
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com