Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AGLP125-V2CS289 Datasheet(PDF) 2 Page - Actel Corporation

Part # AGLP125-V2CS289
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP125-V2CS289 Datasheet(HTML) 2 Page - Actel Corporation

  AGLP125-V2CS289 Datasheet HTML 1Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 2Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 3Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 4Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 5Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 6Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 7Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 8Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
II
v1.3
I/Os Per Package 1
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
Package
Single-Ended I/Os
CS201
120
157
–
CS281
–
–
212
CS289
120
157
212
VQ128
101
–
–
VQ176
–
137
–
Note: When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of
single-ended user I/Os available is reduced by one.
Table 1-2 • Package Dimensions
Package
CS201
CS281
CS289
VQ128
VQ176
Length × Width (mm/mm)
8 × 8
10 × 10
14 × 14
14 × 14
20 × 20
Nominal Area (mm2)
64
100
196
196
400
Pitch (mm)
0.5
0.5
0.8
0.4
0.4
Height (mm)
0.89
1.05
1.20
1.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com