Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP550 Datasheet(PDF) 2 Page - Actel Corporation

Part # EP550
Description  EP550 SDIO/SD Memory/MMC Host Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP550 Datasheet(HTML) 2 Page - Actel Corporation

  EP550 Datasheet HTML 1Page - Actel Corporation EP550 Datasheet HTML 2Page - Actel Corporation EP550 Datasheet HTML 3Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright © by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 2
Eureka Technology
Description
The EP550 is a host controller for SD memory, SDIO, SD combo and MMC inter-
face. The core connects the host CPU of the system to the SD card socket. Exter-
nal SD cards can be accessed by the host CPU through the EP550 controller IP
core.
SD memory and SDIO are low cost, high speed interfaces designed for removable
mass storage and IO devices. It is a very flexible architecture supporting variable
clock rate and 1 to 4-bit SD data width. Data rate up to 25Mbyte/sec (200Mbs)
can be realized with SD interface. The MMC standard allows up to 8-bit of paral-
lel data to be transferred with data rate of 50Mbyt
e/sec. Features such as plug and
play, auto-detection, error correction, write protection are standard with SD card
interface and supported by the EP550.
The EP550 SD card host controller core is designed according to the SD Associa-
tion’s latest SD host controller specification (version 2.0). The core presents itself
as a standard register set to the OS and application software. To access the SD
card, the host CPU simply issue read/write access to the control registers in the
core. The controllers core handles all the SD card protocol automatically includ-
ing data shifting, timing and CRC generation. The core has an optional DMA con-
troller so that data can be automatically transferred between the system and the
SD card without CPU intervention. Because it supports the standard SD register
set, the EP550 is automatically recognized by any operating systems that supports
the SD bus. No driver development is needed. In applications where there is no
operating system of the OS does not have built-in SD support, Eureka provides
free source code to help user develop the bus driver.
There are several options for user hardware interface to the controller core. The
controller supports generic user interface optimized for on-chip logic interface as
well as embedded CPU interface such as AMBA AHB and APB bus, Wishbone,
SH4, PCI and generic address/data interface.
With the EP550, SD card interface can be realized with very little development
cost and effort. Designer can add SD memory and SDIO interface to the system by
simply adding the EP550 module without impacting the rest of the system archi-
tecture.
Free Source Code
The EP550 implements the standard SD host controller register set which supports
any standard operating systems that supports SD bus. For applications where the
user need to develop its own SD driver software, Eureka provides free source
code for driver development.
EP550 SD/SDIO/MMC
Host Controller



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com