Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX2000-1CSG896B Datasheet(PDF) 68 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 68 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 64Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 65Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 66Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 67Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 68Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 69Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 70Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 71Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 72Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 226 page
background image
Axcelerator Family FPGAs
2- 54
v2.7
Table 2-68 • AX2000 Predicted Routing Delays
Worst-Case Commercial Conditions VCCA = 1.425V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Typical
Typical
Typical
Units
Predicted Routing Delays
tDC
DirectConnect Routing Delay, FO1
0.12
0.13
0.15
ns
tFC
FastConnect Routing Delay, FO1
0.35
0.39
0.46
ns
tRD1
Routing delay for FO1
0.50
0.56
0.66
ns
tRD2
Routing delay for FO2
0.59
0.67
0.79
ns
tRD3
Routing delay for FO3
0.70
0.80
0.94
ns
tRD4
Routing delay for FO4
0.76
0.87
1.02
ns
tRD5
Routing delay for FO5
0.98
1.11
1.31
ns
tRD6
Routing delay for FO6
1.48
1.68
1.97
ns
tRD7
Routing delay for FO7
1.65
1.87
2.20
ns
tRD8
Routing delay for FO8
1.73
1.96
2.31
ns
tRD16
Routing delay for FO16
2.58
2.92
3.44
ns
tRD32
Routing delay for FO32
4.24
4.81
5.65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com