Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS80C32X2-VCKD Datasheet(PDF) 39 Page - TEMIC Semiconductors

Part # TS80C32X2-VCKD
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-VCKD Datasheet(HTML) 39 Page - TEMIC Semiconductors

Back Button TS80C32X2-VCKD Datasheet HTML 35Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 36Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 37Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 38Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 39Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 40Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 41Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 42Page - TEMIC Semiconductors TS80C32X2-VCKD Datasheet HTML 43Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Rev. B - Jan. 25, 1999
39
Preliminary
TS80C52X2
10. Electrical Characteristics
10.1 Absolute Maximum Ratings (1)
Ambiant Temperature Under Bias:
C = commercial
0
°Cto70°C
I = industrial
-40
°Cto85°C
Storage Temperature
-65
°Cto+150°C
Voltage on VCC to VSS
-0.5Vto+7V
Voltage on VPP to VSS
-0.5Vto+13V
Voltage on Any Pin to VSS
-0.5VtoVCC + 0.5 V
Power Dissipation
1 W(2)
NOTES
1.
Stresses at or above those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions may affect device reliability.
2.
This value is based on the maximum allowable die temperature and the thermal resistance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com