Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS80C52X2-VCAB Datasheet(PDF) 24 Page - TEMIC Semiconductors

Part # TS80C52X2-VCAB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCAB Datasheet(HTML) 24 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCAB Datasheet HTML 20Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 21Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 22Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 23Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 24Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 25Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 26Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 27Page - TEMIC Semiconductors TS80C52X2-VCAB Datasheet HTML 28Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
24
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
6.5 Interrupt System
The TS80C52X2 has a total of 6 interrupt vectors: two external interrupts (INT0 and INT1), three timer interrupts
(timers 0, 1 and 2) and the serial port interrupt. These interrupts are shown in Figure 9.
Figure 9. Interrupt Control System
Each of the interrupt sources can be individually enabled or disabled by setting or clearing a bit in the Interrupt
Enable register (See Table 11.). This register also contains a global disable bit, which must be cleared to disable
all interrupts at once.
Each interrupt source can also be individually programmed to one out of four priority levels by setting or clearing
a bit in the Interrupt Priority register (See Table 12.) and in the Interrupt Priority High register (See Table 13.).
shows the bit values and priority levels associated with each combination.
IE1
0
3
High priority
interrupt
Interrupt
polling
sequence, decreasing
from high to low priority
Low priority
interrupt
Global Disable
Individual Enable
EXF2
TF2
TI
RI
TF0
INT0
INT1
TF1
IPH, IP
IE0
0
3
0
3
0
3
0
3
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com