Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX84C2V7 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX84C2V7
Description  350 mW Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C2V7 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX84C2V7 Datasheet HTML 1Page - Vishay Siliconix BZX84C2V7 Datasheet HTML 2Page - Vishay Siliconix BZX84C2V7 Datasheet HTML 3Page - Vishay Siliconix BZX84C2V7 Datasheet HTML 4Page - Vishay Siliconix BZX84C2V7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZX84C2V7–BZX84C51
Vishay Telefunken
Rev. 1, 01-Apr-99
2 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85606
Type
Marking
VZ
ZZT
@ IZT
ZZK
@ IZK
TC
IR
@ VR
BZX84C...
V
W
mA
W
mA
%/
°C
mA
V
@ IZT
2V7
KZC
2.5 to 2.9
100
5.0
600
1.0
–0.065
20
1.0
3V0
KZD
2.8 to 3.2
100
5.0
600
1.0
–0.060
10
1.0
3V3
KZE
3.1 to 3.5
95
5.0
600
1.0
–0.055
5.0
1.0
3V6
KZF
3.4 to 3.8
95
5.0
600
1.0
–0.055
5.0
1.0
3V9
KZG
3.7 to 4.1
90
5.0
600
1.0
–0.050
3.0
1.0
4V3
KZH
4.0 to 4.6
90
5.0
600
1.0
–0.035
3.0
1.0
4V7
KZ1
4.4 to 5.0
80
5.0
500
1.0
–0.015
4.0
2.0
5V1
KZ2
4.8 to 5.4
60
5.0
480
1.0
+0.005
2.0
2.0
5V6
KZ3
5.2 to 6.0
40
5.0
400
1.0
+0.020
1.0
2.0
6V2
KZ4
5.8 to 6.6
10
5.0
150
1.0
+0.030
3.0
4.0
6V8
KZ5
6.4 to 7.2
15
5.0
80
1.0
+0.045
2.0
4.0
7V5
KZ6
7.0 to 7.9
15
5.0
80
1.0
+0.050
1.0
5.0
8V2
KZ7
7.7 to 8.7
15
5.0
80
1.0
+0.055
0.7
5.0
9V1
KZ8
8.5 to 9.6
15
5.0
100
1.0
+0.065
0.5
6.0
10
KZ9
9.4 to 10.6
20
5.0
150
1.0
+0.065
0.2
7.0
11
KY1
10.4 to 11.6
20
5.0
150
1.0
+0.070
0.1
8.0
12
KY2
11.4 to 12.7
25
5.0
150
1.0
+0.075
0.1
8.0
13
KY3
12.4 to 14.1
30
5.0
170
1.0
+0.080
0.1
8.0
15
KY4
13.8 to 15.6
30
5.0
200
1.0
+0.080
0.05
0.7VZnom
16
KY5
15.3 to 17.1
40
5.0
200
1.0
+0.090
0.05
0.7VZnom
18
KY6
16.8 to 19.1
45
5.0
225
1.0
+0.090
0.05
0.7VZnom
20
KY7
18.8 to 21.2
55
5.0
225
1.0
+0.090
0.05
0.7VZnom
22
KY8
20.8 to 23.3
55
5.0
250
1.0
+0.090
0.05
0.7VZnom
24
KY9
22.8 to 25.6
70
5.0
250
1.0
+0.090
0.05
0.7VZnom
27
KYA
25.1 to 28.9
80
2.0
300
0.5
+0.090
0.05
0.7VZnom
30
KYB
28 to 32
80
2.0
300
0.5
+0.090
0.05
0.7VZnom
33
KYC
31 to 35
80
2.0
325
0.5
+0.090
0.05
0.7VZnom
36
KYD
34 to 38
90
2.0
350
0.5
+0.090
0.05
0.7VZnom
39
KYE
37 to 41
130
2.0
350
0.5
+0.110
0.05
0.7VZnom
43
KYF
40 to 46
150
2.0
375
0.5
+0.110
0.05
0.7VZnom
47
KYG
44 to 50
170
2.0
375
0.5
+0.110
0.05
0.7VZnom
51
KYH
48 to 54
180
2.0
400
0.5
+0.110
0.05
0.7VZnom
1) Device mounted on ceramic substrate 8mmx10mmx0.7mm
2) VZ measured at IZT using a pulse test. IZ pulse width = 5 ms. Standard voltage tolerance is 5%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com