Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX85B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZX85B
Description  Silicon Epitaxial Planar Z-Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85B Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX85B Datasheet HTML 1Page - Vishay Siliconix BZX85B Datasheet HTML 2Page - Vishay Siliconix BZX85B Datasheet HTML 3Page - Vishay Siliconix BZX85B Datasheet HTML 4Page - Vishay Siliconix BZX85B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZX85B...
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85607
Silicon Epitaxial Planar Z–Diodes
Features
D Sharp edge in reverse characteristics
D Low reverse current
D Low noise
D Very high stability
Applications
Voltage stabilization
94 9369
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=4mm, TL=25°C
PV
1.3
W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
110
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1
V


Similar Part No. - BZX85B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX85B EIC-BZX85B Datasheet
33Kb / 2P
ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85B SEMTECH_ELEC-BZX85B Datasheet
160Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
BZX85B DGNJDZ-BZX85B Datasheet
72Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
EIC discrete Semiconduc...
BZX85B10 EIC-BZX85B10 Datasheet
33Kb / 2P
ZENER DIODES
logo
Vishay Siliconix
BZX85B10 VISHAY-BZX85B10 Datasheet
158Kb / 7P
Zener Diodes
31-May-07
More results

Similar Description - BZX85B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX85C15-TR VISHAY-BZX85C15-TR Datasheet
92Kb / 7P
Silicon Epitaxial Planar Z-Diodes
12-Mar-01
BZX85C13-TAP VISHAY-BZX85C13-TAP Datasheet
91Kb / 6P
Silicon Epitaxial Planar Z–Diodes
12-Mar-01
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
Silicon Epitaxial Planar Z-Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com