Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K3010P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K3010P
Description  Optocoupler with Phototriac Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3010P Datasheet(HTML) 2 Page - Vishay Siliconix

  K3010P Datasheet HTML 1Page - Vishay Siliconix K3010P Datasheet HTML 2Page - Vishay Siliconix K3010P Datasheet HTML 3Page - Vishay Siliconix K3010P Datasheet HTML 4Page - Vishay Siliconix K3010P Datasheet HTML 5Page - Vishay Siliconix K3010P Datasheet HTML 6Page - Vishay Siliconix K3010P Datasheet HTML 7Page - Vishay Siliconix K3010P Datasheet HTML 8Page - Vishay Siliconix K3010P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K3010P(G) Series
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
2 (9)
Document Number 83504
Rev. A4, 13–Sep–99
Features
Approvals:
D BSI: BS EN 41003, BS EN 60095 (BS 415),
BS EN 60950 (BS 7002),
Certificate number 7081 and 7402
D FIMKO (SETI): EN 60950,
Certificate number 12398
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
D VDE 0884, Certificate number 94778
VDE 0884 related features:
D Rated impulse voltage (transient overvoltage)
VIOTM = 6 kV peak
D Isolation test voltage (partial discharge test
voltage) Vpd = 1.6 kV
D Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS (848 V peak)
D Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS
D Creepage current resistance according to
VDE 0303/IEC 112
Comparative Tracking Index: CTI = 275
D Thickness through insulation ≥ 0.75 mm
General features:
D Isolation materials according to UL 94-VO
D Pollution degree 2 (DIN/VDE 0110 resp. IEC 664)
D Climatic classification 55/100/21 (IEC 68 part 1)
D Special construction:
Therefore, extra low coupling capacity of
typical 0.2 pF, high Common Mode Rejection
D IFT offered in 3 groups
D Coupling System C
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
5
V
Forward current
IF
80
mA
Forward surge current
tp ≤ 10 ms
IFSM
3
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
100
°C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Off state output terminal voltage
VDRM
250
V
On state RMS current
ITRMS
100
mA
Peak surge current, non-repetitive tp ≤ 10 ms
ITMS
1.5
A
Power dissipation
Tamb ≤ 25°C
PV
300
mW
Junction temperature
Tj
100
°C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
Isolation test voltage (RMS)
t = 1 min
VIO 1)
3.75
kV
Total power dissipation
Tamb ≤ 25°C
Ptot
350
mW
Ambient temperature range
Tamb
–40 to +85
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsd
260
°C
1) Related to standard climate 23/50 DIN 50014



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com