Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1264-7CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1264-7CSW
Description  Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264-7CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1264-7CSW Datasheet HTML 8Page - Linear Technology LTC1264-7CSW Datasheet HTML 9Page - Linear Technology LTC1264-7CSW Datasheet HTML 10Page - Linear Technology LTC1264-7CSW Datasheet HTML 11Page - Linear Technology LTC1264-7CSW Datasheet HTML 12Page - Linear Technology LTC1264-7CSW Datasheet HTML 13Page - Linear Technology LTC1264-7CSW Datasheet HTML 14Page - Linear Technology LTC1264-7CSW Datasheet HTML 15Page - Linear Technology LTC1264-7CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1264-7
12647fa
13
S
APPLICATI
I FOR ATIO
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs when input frequencies close to the
sampling frequency are applied. For the LTC1264-7 case
at 50:1, an input signal whose frequency is in the range of
fCLK ±10%, will be aliased back into the filter’s passband.
If, for instance, an LTC1264-7 operating with a 100kHz
clock and 2kHz cutoff frequency receives a 95kHz 10mV
input signal, a 5kHz 56
µVRMS alias signal will appear at its
output. When the LTC1264-7 operates with a clock-to-
cutoff frequency of 25:1, aliasing occurs at twice the clock
frequency. Table 10 shows details.
Table 10. Aliasing (fCLK = 100kHz)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS,
(Relative to Input,
(Aliased Frequency
fIN = fCLK ± fOUT)
0dB = 1VRMS)fOUT = ABS [fCLK ± fIN])
(kHz)
(dB)
(kHz)
25:1, fCUTOFF = 4kHz
175 (or 225)
–76
25
180 (or 220)
– 69
20
185 (or 215)
– 62
15
190 (or 210)
– 43
10
195 (or 205)
– 7
5
50:1, fCUTOFF = 2kHz
75 (or 125)
–96
25
80 (or 120)
– 90
20
85 (or 115)
– 82
15
90 (or 110)
– 72
10
95 (or 105)
– 45
5
99 (or 101)
0
1
Table 9. Maximum VIN vs VS and Clock
POWER SUPPLY
MAXIMUM fCLK
MAXIMUM VIN
±7.5V
5.0MHz
1.6VRMS (fIN ≥ 160kHz)
4.5MHz
2.0VRMS (fIN ≥ 160kHz)
4.0MHz
2.5VRMS (fIN ≥ 160kHz)
≥ 3.5MHz
1.6VRMS (fIN ≥ 500kHz)
±5V
3.0MHz
1.6VRMS (fIN ≥ 100kHz)
≥ 3.0MHz
0.7VRMS (fIN ≥ 500kHz)
Single 5V
2.0MHz
0.5VRMS (fIN ≥ 400kHz)
Transient Response
INPUT = 10kHz
± 3V
fCLK = 2.5MHz
RATIO = 25:1
INPUT
90%
50%
10%
OUTPUT
tr
td
ts
1164-7 F06
RISE TIME (tr) =
±5%
0.36
fCUTOFF
SETTLING TIME (ts) =
±5%
(TO 1% of OUTPUT)
2
fCUTOFF
TIME DELAY (td) = GROUP DELAY ≈
(TO 50% OF OUTPUT)
1.15
fCUTOFF
Figure 6
Table 11. Transient Response of LTC Lowpass Filters
DELAY
RISE
SETTLING OVER-
TIME*
TIME**
TIME***
SHOOT
LOWPASS FILTER
(SEC)
(SEC)
(SEC)
(%)
LTC1064-3 Bessel
0.50/fC
0.34/fC
0.80/fC
0.5
LTC1164-5 Bessel
0.43/fC
0.34/fC
0.85/fC
0
LTC1164-6 Bessel
0.43/fC
0.34/fC
1.15/fC
1
LTC1264-7 Linear Phase
1.15/fC
0.36/fC
2.05/fC
5
LTC1164-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1064-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1164-5 Butterworth
0.80/fC
0.48/fC
2.40/fC
11
LTC1164-6 Elliptic
0.85/fC
0.54/fC
4.30/fC
18
LTC1064-4 Elliptic
0.90/fC
0.54/fC
4.50/fC
20
LTC1064-1 Elliptic
0.85/fC
0.54/fC
6.50/fC
20
* To 50%
±5%, ** 10% to 90% ±5%, *** To 1% ±0.5%
10
µs/DIV
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com