Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1419ACSW Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1419ACSW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419ACSW Datasheet(HTML) 2 Page - Linear Technology

  LTC1419ACSW Datasheet HTML 1Page - Linear Technology LTC1419ACSW Datasheet HTML 2Page - Linear Technology LTC1419ACSW Datasheet HTML 3Page - Linear Technology LTC1419ACSW Datasheet HTML 4Page - Linear Technology LTC1419ACSW Datasheet HTML 5Page - Linear Technology LTC1419ACSW Datasheet HTML 6Page - Linear Technology LTC1419ACSW Datasheet HTML 7Page - Linear Technology LTC1419ACSW Datasheet HTML 8Page - Linear Technology LTC1419ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1419
1419fb
AVDD = VDD = DVDD (Notes 1, 2)
Supply Voltage (VDD) ................................................ 6V
Negative Supply Voltage (VSS) ............................... –6V
Total Supply Voltage (VDD to VSS) .......................... 12V
Analog Input Voltage
(Note 3) .............................(VSS – 0.3V) to (VDD + 0.3V)
Digital Input Voltage (Note 4) ......... (VSS – 0.3V) to 10V
Digital Output Voltage ........ (VSS – 0.3V) to (VDD + 0.3V)
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1419C .............................................. 0
°C to 70°C
LTC1419I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER
PART NUMBER
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With Internal Reference (Notes 5, 6)
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 95°C/W (G)
TJMAX = 125°C, θJA = 130°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VREF
REFCOMP
AGND
D13(MSB)
D12
D11
D10
D9
D8
D7
D6
DGND
AVDD
DVDD
VSS
BUSY
CS
CONVST
RD
SHDN
D0
D1
D2
D3
D4
D5
SW PACKAGE
28-LEAD PLASTIC SO
G PACKAGE
28-LEAD PLASTIC SSOP
TOP VIEW
LTC1419ACG
LTC1419ACSW
LTC1419AIG
LTC1419AISW
LTC1419CG
LTC1419CSW
LTC1419IG
LTC1419ISW
LTC1419
LTC1419A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
13
14
Bits
Integral Linearity Error
(Note 7)
±0.8
±2
±0.6
±1.25
LSB
Differential Linearity Error
±0.7
±1.5
±0.5
±1
LSB
Offset Error
(Note 8)
±5
±20
±5
±20
LSB
Full-Scale Error
Internal Reference
±10
±60
±10
±60
LSB
External Reference = 2.5V
±5
±5
LSB
Full-Scale Tempco
IOUT(REF) = 0
±15
±15
ppm/
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VDD ≤ 5.25V, –5.25 ≤ VSS ≤ –4.75V
±2.5
V
IIN
Analog Input Leakage Current
CS = High
±1
µA
CIN
Analog Input Capacitance
Between Conversions
15
pF
During Conversions
5
pF
tACQ
Sample-and-Hold Acquisition Time
90
300
ns
tAP
Sample-and-Hold Aperture Delay Time
–1.5
ns
tjitter
Sample-and-Hold Aperture Delay Time Jitter
2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
– 2.5V < (– AIN = AIN) < 2.5V
60
dB
CO VERTER CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
A ALOG I PUT
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com