Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS80C52X2-VCJB Datasheet(PDF) 30 Page - TEMIC Semiconductors

Part # TS80C52X2-VCJB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCJB Datasheet(HTML) 30 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCJB Datasheet HTML 26Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 27Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 28Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 29Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 30Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 31Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 32Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 33Page - TEMIC Semiconductors TS80C52X2-VCJB Datasheet HTML 34Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
30
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
6.8 ONCE Mode (ON Chip Emulation)
The ONCE mode facilitates testing and debugging of systems using TS80C52X2 without removing the circuit from
the board. The ONCE mode is invoked by driving certain pins of the TS80C52X2; the following sequence must
be exercised:
q
Pull ALE low while the device is in reset (RST high) and PSEN is high.
q
Hold ALE low as RST is deactivated.
While the TS80C52X2 is in ONCE mode, an emulator or test CPU can be used to drive the circuit Table 26.
shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 15. External Pin Status during ONCE Mode
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
XTAL1/2
Weak pull-up
Weak pull-up
Float
Weak pull-up
Weak pull-up
Weak pull-up
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com