Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF-PFCSERIES Datasheet(PDF) 1 Page - Emerson Network Power

Part # AIF-PFCSERIES
Description  Unity power factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AIF-PFCSERIES Datasheet(HTML) 1 Page - Emerson Network Power

  AIF-PFCSERIES Datasheet HTML 1Page - Emerson Network Power AIF-PFCSERIES Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AIF - PFC Series
1600 Watts
Special Features
• Unity power factor
• High efficiency - up to 95%
• Universal input voltage
and frequency range
• Up to 1600W output power
• Positive and Negative
enable function
• Parallelable with accurate
current sharing
• <10% harmonic distortion
conforming to IEC1000-3-2
Compliance
• 100°C baseplate operating
temperature
• DC Input option
• Power fail warning signal
• Enable output to control
DC-DC Converter
• EEPROM data storage via
I2C Interface
• External inrush current
limited protection
• Power Density up to 290W/in
3
Total Power:
1600 Watts
/120 - 370VDC
(Configurable)
Input Voltage:
85 - 264VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
85 - 264 Vac / 120 - 370 Vdc (configurable)
Input surge
290 Vac / 1s
Input Frequency
50/60 Hz
Efficiency
95% @ 230Vac, 1600 W (typical)
Total Harmonic Distortion
Less than 10%
Power Factor
0.99 typical (Po ± 500 W); 0.97 typical (Po ± 1000 W)
Output
Output Voltage
380V typical(Io =4.2A / Vi > 180 Vac); 393V typical (Io = 0A)
Note: Vin rms must always be lower than Vout
Current Share Accuracy
10% max
Overvoltage Protection
430 max
Power Limit for AC input
Vin = 85Vac, Pmax = 1000W; Vin = 230Vac, Pmax = 1600W
for DC input
Vin = 370Vdc, Pmax =1600W
Control
Power Fail Warning
Direct drive output to opto-isolator
Power Fail Warning Adjust
195 to 355Vdc adjustable
LD Enable
Direct drive output to opto-isolator
PFC Enable
TTL compatiable
Voltage Adjust
76% to 100% Vo
DC Input Enable
Clock Input (external sync)
6Vp-p typical @ 1MHz ± 5%
Clock Output (int. clock)
6Vp-p typical @ 1MHz ± 5%
Temperature Monitor Output 10mV/°C
Current Monitor Output
0 to 1mA (1mA = 4.2A output)
I2C Interface
Notes
Nominal values apply with sense pins disconnected and other control pin unconnected.
UL
60950 Recognized
cUL
60950 Recognized
TUV
EN60950 Licensed
Rev. 05.22.07
AIF-PFC Series
1 of 2


Similar Part No. - AIF-PFCSERIES

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF-PFC ASTEC-AIF-PFC Datasheet
1Mb / 31P
AC-DC Converter Module
logo
Advanced Energy Industr...
AIF-PFC ADVANCEDENERGY-AIF-PFC Datasheet
533Kb / 5P
1600 Watts
More results

Similar Description - AIF-PFCSERIES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
logo
Supertex, Inc
HV9931 SUTEX-HV9931 Datasheet
516Kb / 7P
UNITY POWER FACTOR LED LAMP DRIVER
HV9931 SUTEX-HV9931_07 Datasheet
717Kb / 8P
HV9931 Unity Power Factor LED Lamp Driver
logo
alpha microelectronics ...
A3130 ALPHA-MICRO-A3130 Datasheet
99Kb / 1P
universal DSP-based PFC solution to be used in applications requiring power factor values close to unity
logo
Emerson Network Power
AIT02ZPFC-01NL EMERSON-NETWORKPOWER-AIT02ZPFC-01NL Datasheet
83Kb / 2P
Unity power factor
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
Supertex, Inc
HV9931 SUTEX-HV9931_08 Datasheet
512Kb / 7P
HV9931 Unity Power Factor LED Lamp Driver
logo
First Silicon Co., Ltd
FC9931 FS-FC9931 Datasheet
427Kb / 6P
Unity Power Factor LED Lamp Driver
logo
EXCEL CELL ELECTRONIC C...
ETB01-8P ECE-ETB01-8P Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com