Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF Datasheet(PDF) 1 Page - Emerson Network Power

Part # AIF
Description  600W Continuous power at 100째C baseplate temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AIF Datasheet(HTML) 1 Page - Emerson Network Power

  AIF Datasheet HTML 1Page - Emerson Network Power AIF Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AIF Series
600 Watts
Special Features
• 600W Continuous power at
100°C baseplate temperature
• 108W/in3 (6.6W/cm3)
• High efficiency - up to 90%
• Low output ripple and noise
• Positive and Negative enable
function
• Excellent transient response
• OVP, OCP, V Adj control with
ALPTM analog mode linear
control, or through I2C bus
with digital mode control.
• Paralleable with accurate
current sharing
• EU Directive 2002/95/EC
compliant for RoHS
Total Power:
600 Watts
(12V@50Amps)
Input Voltage: 300V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
250 - 420 VDC
Input surge
450V / 100ms
Efficiency
90%@5.0V (Typical)
Output
Load Regulation
0.2% typical down to no load
Line Regulation
0.2% typical
Noise / Ripple
100mV typical (below 5V); 2% typical (5V and above)
Remote sense
Up to 0.5V
Output voltage adjust range
+/-20% for 5V and above; +10%/ -50% for below 5V
Transient Response
5% max for 3.3V and above, 150mV for 1.8V, deviation with 25%
to 75% full load 250 μS (max) recovery
Current Share Accuracy
3% typical
Overvoltage Protection
115% Vo (nominal)
Current Limit
115% Io maximum
Control
Voltage Adjust
80 to 120% Vo linear programming for 12V, 15V, 24V, 48V 50%
to 110% for 1.8V - 5.0V
Enable
TTL compatible (positive & negative enable options)
Current Limit Adjust
20 to 100% Io linear programming or digital mode control
Clock Input (external sync)
3.3 to 5.5Vp-p @ 800KHz ±10%
Clock Output (internal clock) 4.5Vp-p typical@ 800KHz ±5%
Power Good Identification
High (Vo) = power good
Temperature Monitor Output 10mV/°K (2.73 = 0°C)
Current Monitor Output
0 to 1mA (1mA = 100% Io rated)
Over Voltage Protection
Adjust
110 to 150% Vo linear programming by voltage or resistor,
or digital mode control
Notes
Nominal values apply with sense pins connected and other control pin unconnected.
ALP: Astec Linear Programming
UL
60950 Recognized
cUL
60950 Recognized
TUV
EN60950 Licensed
CE
CE Mark
Rev. 05.23.07
AIF Series
1 of 2
RoHS


Similar Part No. - AIF

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
Up to 1600 W output power
logo
Astec America, Inc
AIF-PFC ASTEC-AIF-PFC Datasheet
1Mb / 31P
AC-DC Converter Module
logo
Advanced Energy Industr...
AIF-PFC ADVANCEDENERGY-AIF-PFC Datasheet
533Kb / 5P
1600 Watts
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
Unity power factor
logo
Astec America, Inc
AIF04ZPFC-01 ASTEC-AIF04ZPFC-01 Datasheet
117Kb / 2P
1600 Watts
More results

Similar Description - AIF

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125068 SENSITRON-SHD125068 Datasheet
49Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125468 SENSITRON-SHD125468 Datasheet
55Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
logo
Emerson Network Power
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
600 W continuous power at 100 째C baseplate temperature
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
700W Continuous power at 100째C baseplate temperature
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
250W Continuous power at 100째C baseplate temperature
AV60C EMERSON-NETWORKPOWER-AV60C Datasheet
301Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Recom International Pow...
R1S_R1D RECOM-R1S_R1D Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R0.25S RECOM-R0.25S Datasheet
128Kb / 4P
Full Power at 100째C Ambient Temperature
R1S-R1D RECOM-R1S-R1D Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com