Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIT02ZPFC-01NL Datasheet(PDF) 1 Page - Emerson Network Power

Part # AIT02ZPFC-01NL
Description  Unity power factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AIT02ZPFC-01NL Datasheet(HTML) 1 Page - Emerson Network Power

  AIT02ZPFC-01NL Datasheet HTML 1Page - Emerson Network Power AIT02ZPFC-01NL Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AIT02ZPFC-01NL
720 Watts
Special Features
• Unity power factor
• High efficiency - up to 93%
• Universal input voltage and
frequency range
• Up to 720 W output power
• Negative enable function
• TRCA-DO-160D harmonic
compliant at 115Vac input
full load
• IEC1000-3-2 compliance at
50Hz and 800Hz input
• 100°C baseplate operating
temperature
• Enable output to control DC-
DC Converter
• Internal active switch bypass-
ing external inrush current
Total Power:
720 Watts
Input Voltage: 85 - 264 VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
85 - 264 VAC (Configurable)
Input Surge
290 VAC / 500 ms
Input Frequency
50/60 Hz / 360-800 Hz
Efficiency2
93% @ 230 VAC, 720W (Typical)
Total Harmonic
Less than 10%
Power Factor
0.99 typical (115 Vac; 50 Hz to 360 Hz; 320 W);
0.99 typical (230 Vac; 720 W);
0.98 typical (115 Vac; 800Hz; 320 W)
Control
LD Enable
Direct drive output to opto-isolator
PFC Enable
Neg TTL compatible
Voltage Adjust
79% to 100% Vo
Output
Output voltage
393 V typical (Io = 2.08 A / Vi > 180 Vac
393 V typical (Io=0.1A)
Overvoltage Protection
430 max
Power Limit for AC input Vin = 100 Vac, Pmax = 320 W
Vin = 230 Vac, Pmax =720 W
Vin = 85 Vac, Pmax = 320 W
Isolation
I/O isolation
None
Input to base-plate
2700 Vdc
Output to base-plate
2700 Vdc
Leakage current
< 3 mA at 800 Hz input frequency
UL cUL
60950 Recognized
TUV
EN60950 Licensed
Environmental Specifications
Operating ambient temperature range
-20 °C to +100 °C (baseplate temperature)
Startup temperature
-40 °C to +100 °C (baseplate temperature)
Storage temperature
-40 °C to 120 °C
Overtemperature protection
120 °C Max
Calculated MTBF
>1 Million hours
Rev. 01 09.30.07
AIT02ZPFC-01NL Series
1 of 2


Similar Part No. - AIT02ZPFC-01NL

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIT02ZPFC-01NL ARTESYN-AIT02ZPFC-01NL Datasheet
1Mb / 2P
Total Power: 720 Watts
logo
Advanced Energy Industr...
AIT02ZPFC-01NL ADVANCEDENERGY-AIT02ZPFC-01NL Datasheet
220Kb / 4P
720 Watts
More results

Similar Description - AIT02ZPFC-01NL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
logo
Supertex, Inc
HV9931 SUTEX-HV9931 Datasheet
516Kb / 7P
UNITY POWER FACTOR LED LAMP DRIVER
HV9931 SUTEX-HV9931_07 Datasheet
717Kb / 8P
HV9931 Unity Power Factor LED Lamp Driver
logo
alpha microelectronics ...
A3130 ALPHA-MICRO-A3130 Datasheet
99Kb / 1P
universal DSP-based PFC solution to be used in applications requiring power factor values close to unity
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
Unity power factor
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
Supertex, Inc
HV9931 SUTEX-HV9931_08 Datasheet
512Kb / 7P
HV9931 Unity Power Factor LED Lamp Driver
logo
First Silicon Co., Ltd
FC9931 FS-FC9931 Datasheet
427Kb / 6P
Unity Power Factor LED Lamp Driver
logo
EXCEL CELL ELECTRONIC C...
ETB01-8P ECE-ETB01-8P Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com