Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALQ07FY48 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALQ07FY48
Description  Dual output Quarter Brick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ07FY48 Datasheet(HTML) 1 Page - Emerson Network Power

  ALQ07FY48 Datasheet HTML 1Page - Emerson Network Power ALQ07FY48 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
7 Amps
• High efficiency (82% Typical)
• -40°C to +85°C Ambient Operation (with
airflow)
• Industry standard package
1.45" x 2.28" x 0.43"
• High capacitive load limit on start-up
• Basic insulation
• Regulation to zero load
• Fixed frequency switching (360KHz)
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
82% Typ
Output
Load Regulation
15mV max
Line Regulation
8mV max
Cross Regulation
0.5% of Vo nom
Voltage Tolerance
±1%
Noise/Ripple
50mV max
Transient Response
5% max deviation with 50% to 75% load
200µs (max) recovery
Overvoltage Protection
5Vmax for 3.3Vo, 2.26V max for 1.5Vo,
1.8V max for 1.2Vo , 2.6V max for 1.8V0
Current Limit
15A max for Io1 + Io2
Switching Frequency
360KHz (typ)
Control
Voltage Adjust
80 to 110%
Enable
TTL compatible
(positive & negative enable options)
Ambient air operating temperature range:
-40°C to +85°C (with airflow)
Storage temperature: -55°C to +125°C
Overtemperature protection: 101°C
MTBF: > 1 million hour
UL
60950
CSA
TUV
EN60950
Environmental
Total Power:
30W
Input Voltages:
48V
No. of Outputs:
Dual
Safety
ALQ07-D
Dual output Quarter Brick


Similar Part No. - ALQ07FY48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07FY48 ASTEC-ALQ07FY48 Datasheet
143Kb / 2P
7 Amps
ALQ07FY48N-6 ASTEC-ALQ07FY48N-6 Datasheet
493Kb / 28P
Technical Reference Notes
ALQ07FY48N-7 ASTEC-ALQ07FY48N-7 Datasheet
493Kb / 28P
Technical Reference Notes
ALQ07FY48N-8 ASTEC-ALQ07FY48N-8 Datasheet
493Kb / 28P
Technical Reference Notes
More results

Similar Description - ALQ07FY48

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
Quarter-Brick
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
WPA60 CANDD-WPA60 Datasheet
179Kb / 4P
60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
40 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
75 Watt Dual Output Quarter Brick DC/DC Converter
WPA60R48DC MURATA-PS-WPA60R48DC Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
logo
Recom International Pow...
RP60Q-RUW RECOM-RP60Q-RUW Datasheet
2Mb / 10P
60 Watt Quarter Brick Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com