Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALQ20FM48 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALQ20FM48
Description  High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ20FM48 Datasheet(HTML) 1 Page - Emerson Network Power

  ALQ20FM48 Datasheet HTML 1Page - Emerson Network Power ALQ20FM48 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
100 Watts
ALQ20-Dual
High Efficiency
• Industry standard Dual O/p 1/4 Brick Footprint
• Open Frame Construction
• Low Ripple and Noise1 < 30mVPK-PK
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Frequency Switching for EMI predictability
• Industry Standard features: OVP, OCP, OTP,
Input UVLO, Enable, Trim
• Input Under Voltage Lockout with hysteresis
• Output Voltage Adjustability
• Meets Basic Insulation
Environmental
Operating Ambient Temperature -40°C to +85°C
Storage temperature: -55°C to +125°C
MTBF: > 1 Million Hrs
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency2
3.3V/1.5V @ 90%
3.3V/1.2V @ 90%
Output
Line / Load Regulation
< 1% Vo
Load Current
20A max per channel
Noise/Ripple1
30mVPK-PK typical
Transient Response
40mV typical deviation
(50% to 75% Step Load)
< 300
µs settling time (typ)
Over Voltage Protection
130% Vo Typ (latching)
Over Current Protection
130% IO,max Typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
410kHz (typ)
Isolation Voltage
1500Vdc
Control
Voltage Adjust
±10% VO,NOM
Enable
TTL compatible
(Positive or Negative options)
Safety
UL, cUL 60950 Recognized (Pending)
TUV EN60950 Licensed (Pending)
Total Power:
100 Watts
Input Voltages:
48V
No. of Outputs:
Dual


Similar Part No. - ALQ20FM48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ20A48-L EMERSON-NETWORKPOWER-ALQ20A48-L Datasheet
104Kb / 2P
Delivers up to 25 A output current
logo
Astec America, Inc
ALQ20A48N ASTEC-ALQ20A48N Datasheet
58Kb / 2P
25 Amps,20 Amps,8.33 Amps
logo
Emerson Network Power
ALQ20A48N-L EMERSON-NETWORKPOWER-ALQ20A48N-L Datasheet
104Kb / 2P
Delivers up to 25 A output current
ALQ20B48 EMERSON-NETWORKPOWER-ALQ20B48 Datasheet
124Kb / 2P
Quarter brick industry standard outline
logo
Astec America, Inc
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
Line regulation
More results

Similar Description - ALQ20FM48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
High efficiency
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
High efficiency
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
High efficiency
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
High Efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
High efficiency.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com