Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALQ25 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALQ25
Description  Delivers up to 25 A output current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ25 Datasheet(HTML) 1 Page - Emerson Network Power

  ALQ25 Datasheet HTML 1Page - Emerson Network Power ALQ25 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
Special Features
• Delivers up to 25 A output
current
• Industry standard quarter
brick
• Basic Isolation
• Ultra HIgh Efficiency
• Improved thermal perform-
ance: 12A (6.3A for the 8 V)
at 55 ºC at 1.5ms-1 (300LFM)
• High power density
• Low output noise
• Industry standard pinout
• 2:1 wide input voltage
• CNT function
• Remote sense
• Trim function: +10% / -20%
• Input under-voltage lockout
• Output over-current lockout
• Output over-voltage protec-
tion
• Over temperature protection
• RoHS Compliant
Total Power:
100 Watts (5 and 12Vo device)
82.5 Watts (for the 3.3Vo device)
62.5 Watts (for the 2.5Vo device)
Input Voltage: 36-75 VDC
# of Output: Single
Electrical Specifications
Safety
Input
Input Range
36 to 75 VDC
Input Current (max.)
3.4 A
Input Reflected-ripple
20 mAp-p 5Hz to 20MHz: 12uH source impedance, TA=25 ºC
Current
Output
Output
Output voltage
2.5V, 3.3V, 5V and 12V nominal
Output Current
25A (8.3 A for the 12 Vo, 20A for the 5V)
Efficiency
>87% (See ordering information)
Line output regulation
8 mV (5 mV Typical) : 2.5 V device
10 mV (5 mV Typical) : 3.3 V and 5 V device
25 mV (12 mV Typical) : 12 V device
Load Output Regulation 15 mV max ( 10 mV Typ) : 2.5 V device
20 mV max (10 mV Typ) : 3.3 V and 5 V device
70 mV max (25 mV Typ) : 12 V device
Switching Frequency
300 Khz
Isolation
I/O isolation
1500 Vdc
Isolation Resistance
>10 Mohms
UL cUL
CSA
EN0950
Environmental Specifications
Operating ambient temperature range
-40 ºC to 70 ºC
Storage temperature
-55 ºC to 125 ºC
Temperature Regulation
0.02 %Vo/ºC
Calculated MTBF
2 Million hours (typ.); Io=Io-max; Tc=25 ºC
Rev. 01.24.07
AEQ25Series
1 of 2
mars
ALQ25/AEQ25
Series
62.5 to 100 Watts


Similar Part No. - ALQ25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25 Datasheet
58Kb / 2P
25 Amps,20 Amps,8.33 Amps
ALQ25A48 ASTEC-ALQ25A48 Datasheet
97Kb / 2P
40 Amps
ALQ25A48 ASTEC-ALQ25A48 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Emerson Network Power
ALQ25A48 EMERSON-NETWORKPOWER-ALQ25A48 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ25A48-7 ASTEC-ALQ25A48-7 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
More results

Similar Description - ALQ25

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
Delivers up to 12 A output current (6.3 A for the 8 Vo)
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
Delivers up to 55A of output current (660W)
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Bel Fuse Inc.
YNS05S10 BEL-YNS05S10 Datasheet
691Kb / 20P
Delivers up to 10 A (36 W)
YNS12S16 BEL-YNS12S16 Datasheet
750Kb / 20P
Delivers up to 16 A (88 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
Delivers up to 16 A (88 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
Delivers up to 10 A (36 W)
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
Delivers up to 16 A (58 W)
YS12S10 BEL-YS12S10 Datasheet
753Kb / 21P
Delivers up to 10 A (55 W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com