Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1594CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 5Page - Linear Technology LTC1594CS Datasheet HTML 6Page - Linear Technology LTC1594CS Datasheet HTML 7Page - Linear Technology LTC1594CS Datasheet HTML 8Page - Linear Technology LTC1594CS Datasheet HTML 9Page - Linear Technology LTC1594CS Datasheet HTML 10Page - Linear Technology LTC1594CS Datasheet HTML 11Page - Linear Technology LTC1594CS Datasheet HTML 12Page - Linear Technology LTC1594CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1594/LTC1598
15948fb
TEST CIRCUITS
Voltage Waveforms for ten
Voltage Waveforms for DOUT Delay Times, tdDO
CSMUX
= CSADC
= CS
CLK
DOUT
MPU
RECEIVED
WORD
1594/98 TA03
B3
B7
B6
B5
B4
B2
B1
B0
B1
B2
B11 B10 B9
B8
DIN
MPU
TRANSMIT
WORD
BYTE 3
BYTE 2
EN
D2
0D1
X
D0
BYTE 1
X
X
X
X
X
X
X
00
0
X
X
X
XX
X
X
X
BYTE 3
BYTE 2
BYTE 1
B10
?
?
0
B11
B9
B7
B8
B6
B5
B3
B4
B2
B1
B1
B0
DON‘T CARE
D1
D2
?
??
?
?
??
?
DO
EN
1594/98 TC06
CSADC
LTC1594/LTC1598
1
CLK
DOUT
ten
B11
VOL
2
DOUT
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CSADC = CSMUX = CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
1594/98 TC05
Load Circuit for tdis and ten
DOUT
3k
100pF
TEST POINT
VCC tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1594/98 TC04
Voltage Waveforms for tdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com