Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALQ20B48 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALQ20B48
Description  Quarter brick industry standard outline
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ20B48 Datasheet(HTML) 1 Page - Emerson Network Power

  ALQ20B48 Datasheet HTML 1Page - Emerson Network Power ALQ20B48 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
20 Amps
• Quarter brick industry standard outline
• Baseplate or openframe low profile construction
• Industry Standard features : Input UVLO with
hysteresis, Enable, OVP, OCP, OTP, output
Voltage Trim, Differential Remote Sense
• Fixed switching frequency for EMI predictability
• Prebias startup capable
• RoHS compliant
• Meets basic insulation
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
93% (Typical)
Output
Line Regulation
± 0.1% (Typical)
Load Regulation
± 0.1% (Typical)
Noise/Ripple1
60mV (Typical)
Transient Response
5% deviation
(50% to 75% step load)
< 250
µs settling time
Over Current protection 130% IO (autorecovery)
Over Voltage protection 120% VO (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
150kHz
Isolation Voltage
2250 Vdc
Control
Enable On/Off
Positive or Negative Logic Options
TTL Compatible
Ambient air operating temperature range:
-40°C to +85°C
Storage temperature: -40°C to +125°C
MTBF: > 1 million hours
UL, cUL 60950 (Pending)
TUV EN60950 (Pending)
Environmental
Total Power:
240W
Input Voltages:
48
No. of Outputs:
1
Safety
ALQ/AEQ20B48


Similar Part No. - ALQ20B48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
Line regulation
More results

Similar Description - ALQ20B48

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
Industry standard quarter-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
Industry standard quarter-brick pin-out configuration
logo
Bel Fuse Inc.
QME48T30057 BEL-QME48T30057 Datasheet
946Kb / 13P
Industry-standard quarter-brick pinout
SQ48 BEL-SQ48 Datasheet
3Mb / 66P
Industry-standard quarter-brick pinout
SQE48T30 BEL-SQE48T30 Datasheet
1Mb / 25P
Industry-standard quarter-brick pinout
SQE48T10120 BEL-SQE48T10120 Datasheet
1Mb / 13P
Industry-standard quarter-brick pinout
SQE48T20050 BEL-SQE48T20050 Datasheet
814Kb / 14P
Industry-standard quarter-brick pinout
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com