Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1200 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DS1200
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS1200 Datasheet(HTML) 1 Page - Emerson Network Power

  DS1200 Datasheet HTML 1Page - Emerson Network Power DS1200 Datasheet HTML 2Page - Emerson Network Power DS1200 Datasheet HTML 3Page - Emerson Network Power DS1200 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 1.16.09_153
DS1200
1 of 4
Embedded Power for
Business-Critical Continuity
DS1200
1200 Watts
Distributed Power System
Special Features
•Activepowerfactorcorrection
•EN61000-3-2harmoniccompliance
•ActiveACinrushcontrol
•1UX2Uformfactor
•21.71W/in3
•+12VdcOutput
•+3.3Vdcstand-by
(5Vstandby-consultfactory)
•Nominimumloadrequired
•Hotplugoperation
•N+1redundant
•InternalOR’ingfets
•Activecurrentsharing
(10-100%load)
•Built-incoolingfan
(40mmx28mm)
•I2C communication interface bus
•PMBuscompliant
•EERPOMforFRUdata
•Red/greenbi-colorLEDstatus
•Internalfanspeedcontrol
•FanFailTachOutputSignal
•INTEL,SSIStd.logictiming
•INTEL,SSIStd.FRUdataformat
•Fulldigitalcontrol
•Oneyearwarranty
Distributed Power Bulk Front-End
Total Output Power: 1200 Watts
+3.3VdcStand-byOutput
WideRangeInputVoltage: 90-264Vac
Electrical Specifications
Safety
Input
Inputrange:
180-264(1200W)
90-264(1000W)
Frequency:
47-63Hz,singlephaseAC
Inrushcurrent:
40Apkmaximuminrushcurrent
Efficiency:
>91%typicalathighline50%load
ConductedEMI:
FCCSubpartJEN55022ClassB
RadiatedEMI:
FCCSubpartJEN55022ClassB
Powerfactor:
0.99typical
Leakagecurrent:
1.40mA@240VAC
Holduptime:
12 ms minimum
Output
MainDCvoltage:
+12V@100A(highline)
+12V@81.6A(lowline)
Stand-By:
+3.3Vsb@6A(5V@4Aavailable)
Adjustmentrange:
±5%on+12VonlyusingI2C
Regulation:
+12Vdc;+5%/-5%
+3.3Vsb;+5%/-5%
Overcurrent:
+12Vdc;latchesoffifovercurrentlastsover1second,
otherwiseitisautorecovery(SeeTable1nextpage)+3.3Vsb,9A
max(hiccupmode)
Overvoltage:
+12Vdc;13.2-14.4Vdc
+3.3Vsb;3.76-4.30Vdc
Undervoltage:
+12Vdc;9-10.8V(latchoff)
Turn-ondelay:
2secondmax,5-50mS,monotonicrise
Mainoutputrisetime:
5-50mS,monotonicrise
UL/cUL60950(ULRecognized)
NEMKO+CBReportEN60950
EN60950
CEMark
ChinaCCC


Similar Part No. - DS1200

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
logo
Maxim Integrated Produc...
DS1200 MAXIM-DS1200 Datasheet
233Kb / 7P
Serial RAM Chip
092702
logo
Advanced Energy Industr...
DS1200 ADVANCEDENERGY-DS1200 Datasheet
998Kb / 7P
1200 Watts Distributed Power System
02 4.16
logo
Emerson Network Power
DS1200-3 EMERSON-NETWORKPOWER-DS1200-3 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
More results

Similar Description - DS1200

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
DS1500-3 EMERSON-NETWORKPOWER-DS1500-3 Datasheet
274Kb / 4P
Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3_09 Datasheet
372Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
DS550HE-3-002 ARTESYN-DS550HE-3-002 Datasheet
320Kb / 4P
Distributed Power System
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com