Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1290CCSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1290CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1290CCSW Datasheet HTML 2Page - Linear Technology LTC1290CCSW Datasheet HTML 3Page - Linear Technology LTC1290CCSW Datasheet HTML 4Page - Linear Technology LTC1290CCSW Datasheet HTML 5Page - Linear Technology LTC1290CCSW Datasheet HTML 6Page - Linear Technology LTC1290CCSW Datasheet HTML 7Page - Linear Technology LTC1290CCSW Datasheet HTML 8Page - Linear Technology LTC1290CCSW Datasheet HTML 9Page - Linear Technology LTC1290CCSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1290
1290fe
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Change in Offset vs Temperature
Change in Linearity vs Reference
Voltage
REFERENCE VOLTAGE, VREF (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1290 • TPC04
1
2
3
5
VCC = 5V
Change in Gain vs Reference
Voltage
REFERENCE VOLTAGE, VREF (V)
1
–0.2
–0.1
0
5
1290 • TPC05
–0.3
–0.4
–0.5
2
3
4
VCC = 5V
AMBIENT TEMPERATURE, TA (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
–10
30
50
130
1290 • TPC06
–30
10
70
90 110
ACLK = 4MHz
VCC = 5V
VREF = 5V
Change in Gain Error vs
Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
–10
30
50
130
1290 • TPC08
–30
10
70
90 110
ACLK = 4MHz
VCC = 5V
VREF = 5V
Change in Linearity Error vs
Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0
0.1
0.3
0.4
0.5
–10
30
50
130
1290 • TPC07
0.2
–30
10
70
90 110
0.6
ACLK = 4MHz
VCC = 5V
VREF = 5V
Maximum ACLK Frequency vs
Source Resistance
RSOURCE (Ω)
100
0
4
5
1k
10 k
100k
1290 • TPC09
3
2
1
VCC = 5V
VREF = 5V
TA = 25°C
+
–
INPUT
INPUT
VIN
RSOURCE–
* MAXIMUM ACLK FREQUENCY REPRESENTS THE
ACLK FREQUENCY AT WHICH A 0.1LSB SHIFT IN
THE ERROR AT ANY CODE TRANSITION FROM ITS
4MHz VALUE IS FIRST DETECTED.
Supply Current vs Temperature
Supply Current vs Supply Voltage
Unadjusted Offset Voltage vs
Reference Voltage
SUPPLY VOLTAGE, VCC (V)
46
8
10
1290 • TPC01
26
22
18
14
10
6
2
ACLK = 4MHz
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
30
10
9
8
7
6
5
4
3
LT1290 • TPC02
–10
70
–30
50
10
90 110 130
ACLK = 4MHz
VCC = 5V
REFERENCE VOLTAGE, VREF (V)
1
5
1290 • TPC03
2
3
4
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VOS = 0.25mV
VOS = 0.125mV
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com