Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HPS3KW Datasheet(PDF) 2 Page - Emerson Network Power

Part # HPS3KW
Description  Active Power Factor Correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3KW Datasheet(HTML) 2 Page - Emerson Network Power

  HPS3KW Datasheet HTML 1Page - Emerson Network Power HPS3KW Datasheet HTML 2Page - Emerson Network Power HPS3KW Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S
Siig
gn
na
all P
Piin
nss
12
3
4
5
D
5Vsb
5Vsb rtn
PSON
SCL
A0
C
5Vsb
5Vsb rtn
PRESENT
SCL/SDA RTN
A1
B
5Vsb
5Vsb rtn
PSKI LL
SDA
A2
A
48LS
AC OK
PWOK
FAIL
Reserved
P
Po
ow
we
err B
Blla
ad
de
ess
P1, P2
P3, P4
48VDC RETURN
48VDC
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
AC INPUT CONNECTOR: FCI 51870-001
AC MATING CONNECTOR: FCI 51871-001
(REQUIRES 2 FCI 51869-001 BACKSHELL)
DC OUTPUT CONNECTOR: FCI 51874-001
DC OUTPUT MATING CONNECTOR: FCI 51875-001
DC Output Connector Pinout Assignment
Output Voltage
W = 48 V
Redundancy
R = OR’ing diode
Power
3K = 3000 W
Auxiliary Fan
Voltage
N = None
Current Monitor
N = None
HPS
0 3 2
3K W N N R
Standard Options
032 = I
2
C Interface
(47.2)
(24.7)
(7.80)
(19.3)
(16.8)
(19.1)
123.50±0.4
(4.86")
117.7±0.4
+0.25
-0.37
8.60±0.25
32.0±1(2x)
(2x)64.00±0.25
69.50±0.4
89.74±0.37
550.2±0.5
(21.66")
(81.00)
(118.00)
(16.00)
(78.00)
(27.50)
(2.74")
Ordering Information
Mechanical Drawings
Neutral
Earth
Line
p1
p2
P3
P4
HPS3KW Module



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com