Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IVS Datasheet(PDF) 3 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 3 Page - Emerson Network Power

  IVS Datasheet HTML 1Page - Emerson Network Power IVS Datasheet HTML 2Page - Emerson Network Power IVS Datasheet HTML 3Page - Emerson Network Power IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Embedded Power for
Business-Critical Continuity
Module Code
1
2
3
5
4
—
Module Type
Single
Single
Single
Single
Dual
Triple
Maxoutputpower
210W
360W
750W
1500W
144W
36W
Maxoutputcurrent
35A
60A
150A
140A
10A
2 A
Outputvoltagesavailable*
2-60V
2-60V
2-60V
6-60V
6-15,24-28;6-15;6-15;6-15;
2-6;2-6,2-6;24-28,24-28;
24-28;2-6
8-15,8-15,2-6;
8-15,8-15,8-15;
8-15,8-15,18-28;
8-15,18-28,2-6
Standardvoltageincrements
25
25
25
18
16
18
Remotesense
Yes
Yes
Yes
Yes
Yes
Yes
No
Remotemargin
Yes
Yes
Yes
Yes
No
No
No
V-Program-I2C Control
Yes
Yes
Yes
Yes
Yes
Yes
No
ActiveCurrentShare
Yes
Yes
Yes
Yes
Yes
No
No
ModuleInhibit-I2C Control
Yes
Yes
Yes
Yes
Yes
Yes
Yes
ModuleInhibit-Analog
Yes
Yes
Yes
Yes
Yes
No
No
Overvoltage/Overcurrent
protection
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Minimum load required
No
No
No
No
No
No
No
Slots occupied in any
iVS case
1
2
3
4
1
1
Output Module Line-up
Rev. 1.22.09_145
iVS Series
 of 11
Dual
Single
210W
360W
750W
144W
1500W
Voltage
Voltage
Code
SingleOutputModuleCode
DualOutput**
Triple Output
I2C
Adjustment
Ranges***
1
2
3
5
4
4
-
-
-
2V
A
35A
60A
150A
—
10A 10A
—
—
2 A
1.8-2.2
2.2V
B
35A
60A
150A
—
10A 10A
—
—
2 A
2.0 - 2.4
3V
C
35A
60A
150A
—
10A 10A
—
—
2 A
2.7-3.3
3.3V
D
35A
60A
150A
—
10A 10A
—
—
2 A
3.0-3.6
5V
E
35A
60A
150A
—
10A 10A
—
—
2 A
4.5-5.5
5.2V
F
35A
60A
144A
—
10A 10A
—
—
2 A
4.7-5.7
5.5V
G
34A
58A
136A
—
10A 10A
—
—
2 A
5.0-6.1
6.0V
H
23A
42 A
97.5A
140A 10A 10A
—
—
2 A
5.4-6.6
8.0V
I
20 A
36A
84.4 A
140A 10A
4 A
1A
1A
1A
7.2-8.8
10V
J
18A
32A
75A
140A 10A
4 A
1A
1A
1A
9.0-11.0
11V
K
17A
31A
68A
136.3A 10A
4 A
1A
1A
1A
9.9-12.1
12V
L
17A
30A
62.5A
125A 10A
4 A
1A
1A
1A
10.8-13.2
14V
M
14A
21A
53.5A
107A
9 A
4 A
1A
1A
1A
12.6-15.4
15V
N
14A
20 A
50A
100A
8 A
4 A
1A
1A
1A
13.5-16.5
18V
O
11A
19A
41.6A 83.3A
—
—
—
0.5A 0.5A
16.2-19.8
20V
P
10.5A 18A
37.5A
75A
—
—
—
0.5A 0.5A
18.0-22.0
24V
Q
8.5A
15A
30A
62.5A
4 A
2 A
—
0.5A 0.5A
21.6-26.4
28V
R
6.7A
11A
26.8A 53.5A
3A
2 A
—
0.5A 0.5A
25.2-30.8
30V
S
6.5A
11A
25A
50A
—
—
—
—
—
27.0-33.0
33V
T
6.2A 10.9A 22.7A 35.8A
—
—
—
—
—
29.7-36.3
36V
U
5.8A
10A
20.8 A 35.8A
—
—
—
—
—
32.4-39.6
42V
V
4.2 A 7.5A
16A
35.7A
—
—
—
—
—
37.8-46.2
48V
W
4.0 A 7.5A
15.6A 31.2A
—
—
—
—
—
43.2-52.8
54V
X
3.7A 6.0A
13.9A 27.7A
—
—
—
—
—
48.6-59.4
60V
Y
3.5A 6.0A
12.5A
25A
—
—
—
—
—
54.0-66.0
Contact Factory
Special
Z
35A
60A
150A
—
—
10A
2.3-2.6
Special
Z
35A
60A
150A
—
—
10A
3.7-4.4
Special
Z
20 A
36A
80 A
140A
—
8 A
6.7-7.1
*Note:Incrementsofcurrentnotshowncanbeachievedbyparallelingmodules
(addcurrentsofeachmoduleselected).
**Totaloutputpowerondualmodelmustnotexceed144W.
***Forsingleoutputmodulesonly.
OutputModuleVoltage/Current*
Triple
36W
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com