Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB1079 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB1079
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1079 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB1079 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1079 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1079
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA, RBE= ∞
-100
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA, RBE= ∞
-100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -0.1mA ,IE= 0
-100
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -50mA ,IC= 0
-7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -10A ,IB= -20mA
-2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -20A ,IB= -200mA
-3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -10A ,IB= -20mA
-2.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -20A ,IB= -200mA
-3.5
V
ICBO
Collector Cutoff current
VCB= -100V, IE= 0
-0.1
mA
ICEO
Collector Cutoff current
VCE= -80V, RBE= ∞
-1.0
mA
hFE
DC Current Gain
IC= -10A ; VCE= -3V
1000
Switching Times
ton
Turn-on Time
0.6
μs
tstg
Storage Time
IC= -10 A,
IB1 = -IB2 = -20 mA;
3.5
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com