Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSC5086 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KSC5086
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSC5086 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSC5086 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSC5086 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
KSC5086
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 250mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
1.5
V
ICES
Collector Cutoff Current
VCE= 1400V; RBE= 0
1
mA
ICBO
Collector Cutoff Current
VCB= 800V; IE= 0
10
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC=0
40
200
mA
hFE
DC Current Gain
IC= 1A; VCE= 5V
8
VECF
C-E Diode Forward Voltage
IF= 6A
2.0
V
tf
Fall Time
IC= 4A; IB1= 0.8A; IB2= -1.6A;
VCC= 200V; RL= 50Ω
0.2
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com