Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS174-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS174-M
Description  Medical safety approvals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS174-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPS174-M Datasheet HTML 1Page - Emerson Network Power LPS174-M Datasheet HTML 2Page - Emerson Network Power LPS174-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
LPS170-M Series
Medical
175 Watts
Special Features
• Medicalsafetyapprovals
• Activepowerfactorcorrection
• IECEN61000-3-2compliance
• WideRangeAdjustableoutput
Remotesenseonmainoutput
• Singlewirecurrentsharing
• Powerfailandremoteinhibit
• Built-inEMIfilter
• Lowoutputripple
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• DCpowergood
• 5Vstandbyoutput
• 12VAuxoutput
• Optionalcover(-Csuffix)
Total Power:
100-175Watts
Input Voltage:
85-264VAC
120-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
85-264VAC;120-300VDC
Frequency:
47-67Hz
Inrushcurrent:
38Amax,coldstart@25°C
Efficiency:
75% typical at full load
EMIfilter:
FCC Class B conducted
CISPR22ClassBconducted
EN55022ClassBconducted
VDE0878PT3ClassBconducted
PowerFactor:
0.99typical
Safetyground
leakagecurrent:
<250µA@50/60Hz,264VACinputS
Output
Maximumpower:
110Wconvection(75Wwithcover)
175Wwith30CFMforcedair
(130Wwithcover)
Adjustmentrange:
2:1wideratiominimum
Standbyoutputs:
5V@2Aregulated±5%
Hold-uptime:
20ms@175Wloadatnominalline
Overloadprotection:
Shortcircuitprotectiononalloutputs.
Caseoverloadprotected@110-145%abovepeakrating
Overvoltageprotection: 10%to40%abovenominaloutput
Auxoutput:
12V@1A-5%,+10%
VDE 0750/EN60601-1
(IEC601)
UL
UL2601
CSA
CSA22.2No.601.1
CE
Mark(LVD)
•
•
•
•
Rev. 12.08.08_113
LPS170-M Series
1 of 3


Similar Part No. - LPS174-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS174-M ASTEC-LPS174-M Datasheet
265Kb / 2P
175 Watts
More results

Similar Description - LPS174-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
Medical safety approvals
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
Medical safety approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
Medical safety approvals
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
Medical safety approvals
logo
XP Power Limited
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
IT & Medical Safety Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
Medical Safety Approvals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com