Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6 Datasheet(PDF) 4 Page - Emerson Network Power

Part # MP6
Description  Current share on all outputs with ratings of 10 A or greater
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP6 Datasheet(HTML) 4 Page - Emerson Network Power

  MP6 Datasheet HTML 1Page - Emerson Network Power MP6 Datasheet HTML 2Page - Emerson Network Power MP6 Datasheet HTML 3Page - Emerson Network Power MP6 Datasheet HTML 4Page - Emerson Network Power MP6 Datasheet HTML 5Page - Emerson Network Power MP6 Datasheet HTML 6Page - Emerson Network Power MP6 Datasheet HTML 7Page - Emerson Network Power MP6 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
139
www.astecpower.com
MULTIPLE OUTPUTS
Total
Output 1
Output 2
Output 3
Output 4
Output 5
Output 6
Size
Model Number
Power
(Volts/Amps)
(inches)
400 W
5 / 60
3.3 / 35
12 / 1
12 / 1
12 / 1
—
2.5 x 5 x 10
MP4-2E-1D-LLL-00
400 W
24 / 15
12 / 17
5 / 35
—
—
—
2.5 x 5 x 10
MP4-2Q-1L-1E-00
400 W
5 / 60
12 / 17
12 / 10
5 / 10
—
—
2.5 x 5 x 10
MP4-2E-1L-4LE-00
400 W
5 / 35
12 / 10
3.3 / 10
12 / 1
12 / 1
5 / 2
2.5 x 5 x 10
MP4-1E-4LD-LLE-00
600 W
3 / 60
5 / 60
12 / 10
12 / 4
—
—
2.5 x 5 x 11
MP6-2C-2E-4LL-00
600 W
5 / 120
12 / 17
12 / 10
5 / 10
—
—
2.5 x 5 x 11
MP6-3E-1L-4LE-00
600 W
12 / 30
5 / 35
—
—
—
—
2.5 x 5 x 11
MP6-2L-1E-00
800 W
36 / 16.6
24 / 4
5 / 10
12 / 10
12 / 4
—
2.5 x 7 x 10
MP8-3U-4QE-4LL-00
800 W
5 / 120
3.3 / 35
12 / 17
12 / 10
12 / 4
—
2.5 x 7 x 10
MP8-3E-1D-1L-4LL-00
800 W
15 / 20
5 / 35
15 / 14
24 / 8.5
15 / 8
5 / 10
2.5 x 7 x 10
MP8-2N-1E-1N-1Q-4NE-00
800 W
2 / 180
5 / 60
—
—
—
—
2.5 x 7 x 10
MP8-3A-2A-2E-30
1000 W
3.3 / 120
5 / 120
—
—
—
—
2.5 x 8 x 11
MP1-3D-3E-00
SINGLE OUTPUTS
Total
Output
Size
Model Number
Power
(Volts/Amps)
(inches)
360 W
2 / 180
2.5 x 5 x 10
MP4-3A-2A-30
400 W
5 / 80
2.5 x 5 x 10
MP4-3E-00 - 429
600 W
2 / 275
2.5 x 8 x 11
MP6-3A-3A-1A-90
600 W
5 / 120
2.5 x 5 x 11
MP6-3E-00
600 W
48 / 12.5
2.5 x 5 x 11
MP6-3W-00
800 W
5 / 160
2.5 x 7 x 10
MP8-3E-2E-30 - 415
800 W
48 / 16.6
2.5 x 7 x 10
MP8-3W-1W-30
1000 W
5 / 200
2.5 x 8 x 11
MP1-3E-3E-30 - 404
Ordering Information
Standard
Parallel Codes*
7
6
5 4
3
2
1
0 = no parallel
1 = 1 & 2
2 = 2 & 3
3 = 3 & 4
4 = 4 & 5
5 = 3 & 4 & 5
6 = 5 & 6
7 = 4, 5 & 6
8 = 6 & 7
9 = 3 & 4, 6 & 7
MP4 & MP6
available slots
MP8
available slots
*For custom parallel configurations contact
Astec Power Technical Support.
MP1
available slots
Parallel Code:
Slot #1
Slot #2
Slot #3
Slot #4
Use Only for
Modified Standard
Slot #5
2 or 3 digit code
See previous page.
(MP8 & MP1 Only)
Slot #6
Use “ — ” for Standard Remote Sense
Use“/” After any module using Remote Sense with
or-ing diode (redundancy)
(MP1 Only)
Slot #7
MP
-
-
----
-
-XXX
IIN
N P
PU
UT
T
C
Ca
asse
e S
Siizze
e ((iin
ncch
he
ess))
S
Sllo
ottss
8
85
5--2
26
64
4 V
VA
AC
C
1
18
80
0--2
26
64
4 V
VA
AC
C
4
4 = 2.5 x 5 x 10
5 available slots
400 W max.
600 W max.
6
6 = 2.5 x 5 x 11
5 available slots
600 W max.
800 W max.
8
8 = 2.5 x 7 x 10
6 available slots
800 W max.
1000 W max.
1
1 = 2.5 x 8 x 11
7 available slots
1000 W max.*
1200 W max.
*
*1
12
20
00
0 W
W m
mo
od
diiffiicca
attiio
on
n a
avva
aiilla
ab
blle
e a
att h
hiig
gh
h lliin
ne
e o
op
pe
erra
attiio
on
n
Option Code:
0 = no options
1 = rear air exhaust
3 = global enable
5 = option package (options 1 & 3)
M =low leakage
N = low leakage plus option 1
P = low leakage plus option 3
R = low leakage plus option 5
Notes:
1. Omit digits that do not apply.
2. Specify modules from lowest number of outputs to highest. (Single/Dual/Triple)
3. If number of outputs are equal, specify modules from highest to lowest power increments. If
power increments are equal, specify in descending alphabetical order (1A, B, C . . .).
4. Always start with Slot 1.
5. All MP model configurations created using this selection guide are standard MP products with
standard availability and lead times.
6. Optional VME/DCOK module must always be located in the last slot. Module designator is “VME”.
Slot 3
Output 2: 12 V @ 17 A
Slots 1 & 2
Output 1: 5.2 V @ 60 A
2.5” x 7” x 10”
(6 slots available)
No Paralleling
Low Leakage
Slot 4
Output 3: 12 V @ 10
Output 4: 5 V @ 10 A
Slot 5
Output 5: 12 V @ 1 A
Output 6: 12 V @ 1 A
Output 7: 5 V @ 2 A
MP8-
2 F / 1 L - 4 L E - L L E - V ME -0M -XXX
EXAMPLE
VME Card
Factory assisted code
for modifications
-HUP
Hold-up Module



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com