Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AEO40A48N Datasheet(PDF) 3 Page - Emerson Network Power

Part # AEO40A48N
Description  66/120 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEO40A48N Datasheet(HTML) 3 Page - Emerson Network Power

  AEO40A48N Datasheet HTML 1Page - Emerson Network Power AEO40A48N Datasheet HTML 2Page - Emerson Network Power AEO40A48N Datasheet HTML 3Page - Emerson Network Power AEO40A48N Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 09.30.08_100
AEO/ALO25 Series
3 of 4
MechanicalDrawing
OPENFRAMETHROUGHHOLE
BASEPLATETHROUGHHOLE
PinAssignments
Single Output
1. +Vin
2. Enable(On/off)
3. -Vin
4. -VOUT
5. -Sense
6. Trim
7. +Sense
8. +VOUT
Notes:
1. Measuredat20MHzbandwidth
withexternal10µFtant.
capacitorinparallelwith0.1µF
ceramic capacitor connected
across
+Voutand-Vout;220µFe-capor
equivalentconnectedacross
+Vinand-Vin.
2. Efficiencymeasurementsare
typicalvaluestakenatfullload,
nominallineandTA=25°C
3. Allspecificationsaretypicalat
nominalline,fullloadandTA=
25°Cunlessotherwisenoted.
4. Allspecificationssubjectto
changewithoutnotice.
5. Mechanicaldrawingsarefor
referenceonly.Dimensionsarein
inches[mm].Pinplacement
tolerance±0.005[0.127].
MechanicalTolerance±0.02
[0.5],recommendedsurface
mountpads(min:0.080x0.112
[2.03x2.84]/max:0092x0.124
[2.34x3.15]);throughholepin
diameter(Pins4&8)f=0.062
[1.57],othersf=0.04[1.0](6X).
6. TechnicalReferenceNotesshould
be consulted for detailed
informationwhenavailable.
8. Warranty2yrs.
PINLENGTH
A
StdPinLength: 0.189[4.8]MIN
0.205[5.2]MAX
“-6”Option:
0.137[3.5]MIN
0.152[3.9]MAX
ALO SERIES THRU HOLE PIN
ALOSERIESTHRUHOLEPIN
AEOSERIESTHRUHOLEPIN
0.90
[22.9]
2.30
[58.4]
PIN SIDE UP
PIN SIDE DOWN
- Vin
+ Vin
E
-Sense
Trim
+ Sense
-Output
+ Output
0.32
[8.2]
2.00
[50.8]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.0]
0.15
[3.8]
0.45
[11.4]
0.75
[19.0]
SIDE VIEW
0.90
[22.9]
2.30
[58.4]
PIN SIDE UP
PIN SIDE DOWN
- Vin
+ Vin
E
-Sense
Trim
+ Sense
-Output
+ Output
0.32
[8.2]
2.00
[50.8]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.0]
0.15
[3.8]
0.45
[11.4]
0.75
[19.0]
SIDE VIEW
0.90
[22.9]
2.30
[58.4]
0.40
[10.1]
0.23
[5.8]
0.15
[3.8] 0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.0]
0.15
[3.8]
0.45
[11.4]
0.75
[19.0]
PIN SIDE DOWN
PIN SIDE UP
SIDE VIEW
2.00
[50.8]
E
+ Vin
- Vin
+ Output
-Output
+ Sense
Trim
-Sense
0.90
[22.9]
2.30
[58.4]
0.40
[10.1]
0.23
[5.8]
0.15
[3.8] 0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.0]
0.15
[3.8]
0.45
[11.4]
0.75
[19.0]
PIN SIDE DOWN
PIN SIDE UP
SIDE VIEW
2.00
[50.8]
E
+ Vin
- Vin
+ Output
-Output
+ Sense
Trim
-Sense
116



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com