Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLP40-7624J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP40-7624J
Description  40-50 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP40-7624J Datasheet(HTML) 2 Page - Emerson Network Power

  NLP40-7624J Datasheet HTML 1Page - Emerson Network Power NLP40-7624J Datasheet HTML 2Page - Emerson Network Power NLP40-7624J Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP40 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40-50 W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: nlp40.pdf Rev (03): 08 Nov 2005
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
MODEL NUMBER (11,12)
VOLTAGE
MAX (1)
PEAK (2)
FAN (1)
REGULATION
+3.3 V (IA)4 A5 A
4.5 A
50 mV
±2.0%
NLP40-76T366J (5)
+12 V (IB)2 A3 A3 A
120 mV
±5.0%
–12 V (IC)
0.2 A
1 A
0.5 A
120 mV
±5.0%
+5 V (IA)4 A5 A
4.5 A
50 mV
±2.0%
NLP40-7608J (5)
+12 V (IB)2 A3 A3 A
120 mV
±5.0%
–12 V (IC)
0.2 A
1 A
0.5 A
120 mV
±5.0%
+5 V (IA)4 A5 A
4.5 A
50 mV
±2.0%
NLP40-7610J (5)
+15 V (IB)
1.6 A
2 A
2 A
150 mV
±5.0%
–15 V (IC)
0.2 A
1 A
0.5 A
150 mV
±5.0%
+12 V (IA)
1.8 A
2.2 A
2.1 A
120 mV
±2.0%
NLP40-7627J (5)
-12 V (IB)
1.8 A
2.2 A
2.1 A
120 mV
±5.0%
+5 V (IA)4 A5 A
4.5 A
50 mV
±2.0%
NLP40-7629J (5)
+12 V (IB)2 A3 A3 A
120 mV
±5.0%
3.3 V (IA)8 A
10 A
9 A
50 mV
±2.0%
NLP40-76S3J
5 V
8 A
10 A
9 A
50 mV
±2.0%
NLP40-7605J
12 V
3.3 A
4.5 A
4 A
120 mV
±2.0%
NLP40-7612J
15 V
2.6 A
3.6 A
3.3 A
150 mV
±2.0%
NLP40-7615J
24 V
1.6 A
2.5 A
2 A
240 mV
±2.0%
NLP40-7624J
48 V
0.8 A
1.1 A
1 A
300 mV
±2.0%
NLP40-7617J
Notes
1
Maximum output power is 40 W for natural convection cooling. With
20 CFM fan cooling, the maximum output power is 50 W.
2
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total reg. limits.
3
Figure is peak-to-peak. Output noise measurements are made across a
50 MHz bandwidth using a 12 inch twisted pair, terminated with a 47 µF
capacitor.
4
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
rms 5 Hz to 500 Hz.
5
For multiple output units (except -7627J, 76T366J) to maintain stated
regulation then:
0.25 ≤ IA / IB ≤ 5, for IB > 0.3 A
0.50 ≤ IA / IB ≤ 5, for IB < 0.3 A
For maximum output current I(C) on triple output models, i.e. for
IC = IMax., I A min. ≥ 0.5 A and IA ≥IB.
For NLP40-7627J only, to maintain stated regulation then:
0.5 ≤ IA / IB ≤2.
For NLP40-76T366J only, to maintain stated regulation then:
0.25 ≤ IA / IB ≤4.
6
For optimum reliability, no part of the heatsink should exceed 120
°C, and
no semiconductor case temperature should exceed 130
°C.
7
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
9
When the input voltage is <90 Vac the operating range is 0
°C to +40 °C.
10 For system EMI compliance, a ground choke may be required before
connecting the ground wire to the chassis. It is recommended that this
ground choke be placed as close as possible to the systems ac inlet to
eliminate noise pick-up in the system.
11 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
DERATING CURVE
Output Power (Watts)
0
°C
10
°C
20
°C
30
°C
40
°C
50
°C
60
°C
70
°C
20W
40W
50W
20 CFM FORCED AIR COOLING
25W
NATURAL
CONVECTION
COOLING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com