Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLP65-9612J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP65-9612J
Description  Universal Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9612J Datasheet(HTML) 2 Page - Emerson Network Power

  NLP65-9612J Datasheet HTML 1Page - Emerson Network Power NLP65-9612J Datasheet HTML 2Page - Emerson Network Power NLP65-9612J Datasheet HTML 3Page - Emerson Network Power NLP65-9612J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.02.08
NLP65 Series
2 of 4
Embedded Power for
Business-Critical Continuity
Thermal performance
(see Notes 1, 3, 10)
Operating ambient,
0 °C to +70 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
50 °C to 70 °C ambient,
Derate to
convection cooled
50% load
0 °C to 50 °C, ambient,
65 W
convection cooled
0 °C to 50 °C ambient,
75 W
20 CFM forced air (See Note 10)
Peak (0 °C to +50 °C, 60 s) See table
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max
Non-operating
30,000 feet max
Vibration (see Note 5)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
Environmental Specifications
General Specifications
Hold-up time
120 Vac, 60 Hz
16 ms @ 65 W
230 Vac, 50 Hz
78 ms @ 65 W
Efficiency
120 Vac, 65 W
72% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
Fixed
100 kHz, ±5 kHz
Approvals and standards
(see Notes 9, 13)
EN60950, VDE0805
IEC950, UL1950, CCC60950
CSA C22.2 No. 950
Weight
283 g (10 oz)
MTBF demonstrated
MIL-HDBK-217F
150,000 hours min
EMC Charateristics (11, 12)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-2, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 2
All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
Output Power (Watts)
32W
65W
75W
20 CFM FORCED AIR COOLING
38W
NATURAL
CONVECTION
COOLING
DERATING CURVE
0°C
10°C 20°C 30°C 40°C 50°C 60°C 70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com