Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALO20M48N Datasheet(PDF) 2 Page - Emerson Network Power

Part # ALO20M48N
Description  66/120 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALO20M48N Datasheet(HTML) 2 Page - Emerson Network Power

  ALO20M48N Datasheet HTML 1Page - Emerson Network Power ALO20M48N Datasheet HTML 2Page - Emerson Network Power ALO20M48N Datasheet HTML 3Page - Emerson Network Power ALO20M48N Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 09.30.08_100
AEO/ALO25 Series
2 of 4
Operatingambienttemperature
Openframe:
Baseplate:
-40°Cto+85°CAmbient
-40°Cto+100°CCase
Storagetemperature:
-55°Cto+125°C
MTBF:
>1 Million hours
EnvironmentalSpecifications
Options
Construction
L
L=LowProfile;
Openframe
E=Baseplate
Size
O
O=8thBrick
Output Current
10
10=10Amps
20=20Amps
30=30Amps
35=35Amps
40=40Amps
Output Voltage
B
B=12.0V
A=5.0V
F=3.3V
G=2.5V
Y=1.8V
M=1.5V
K=1.2V
Input Voltage
48
48=48V
(36-75VRange)
Remote ON/OFF
Logic
N
N=Negative
Blank=Positive
-
PIN Length O/P
Termination
6
ThroughHole:
6=3.6mm
Blank=5mm
S=SurfaceMount*
*AvailableforLow
Profile;Openframe
(ALO)Versiononly
RoHS
Designation
L
L=RoHS6/6
Blank=RoHS5/6
A
OrderingInformation
120W Series
Output Voltage Output Voltage
Efficiency
Model Number
12.0V
10.0A
93.0%
ALO10B48N-L
5.0V
20.0A
92.0%
ALO20A48N-L
3.3V
30.0A
91.0%
ALO30F48N-L
2.5V
35.0A
89.5%
ALO35G48N-L
NotforNewDesigns-PleasecheckLESASeries
1.8V
40.0A
88.0%
ALO40Y48N-L
1.5V
40.0A
86.0%
ALO40M48N-L
1.2V
40.0A
85.0%
ALO40K48N-L
NotforNewDesigns-PleasecheckLESASeries
66W Series
Output Voltage Output Voltage
Efficiency
Model Number
NotforNewDesigns-PleasecheckLESBSeries
12.0V
4.0A
93.0%
ALO4B48N-L
NotforNewDesigns-PleasecheckLESBSeries
5.0V
12.0A
92.0%
ALO12A48N-L
NotforNewDesigns-PleasecheckLESBSeries
3.3V
20.0A
91.0%
ALO20F48N-L
NotforNewDesigns-PleasecheckLESBSeries
2.5V
20.0A
90.0%
ALO20G48N-L
NotforNewDesigns-PleasecheckLESBSeries
1.8V
25.0A
88.5%
ALO25Y48N-L
NotforNewDesigns-PleasecheckLESBSeries
1.5V
25.0A
86.5%
ALO25M48N-L
NotforNewDesigns-PleasecheckLESBSeries
1.2V
25.0A
85.5%
ALO25K48N-L
NotforNewDesigns-PleasecheckLESBSeries
116



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com