Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH05050 Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH05050
Description  DC-DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH05050 Datasheet(HTML) 2 Page - Emerson Network Power

  PTH05050 Datasheet HTML 1Page - Emerson Network Power PTH05050 Datasheet HTML 2Page - Emerson Network Power PTH05050 Datasheet HTML 3Page - Emerson Network Power PTH05050 Datasheet HTML 4Page - Emerson Network Power PTH05050 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.07.30.08
PTH05050
2 of 5
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 100 μF, Cout = 0 μF
*Auto-track™ is a trade mark of Texas Instruments
Thermal performance
(see note 2)
Operating ambient,
-40 °C to +85 °C
temperature
Non-operating
-40 °C to +125 °C
MSL ('Z' suffix only)
JEDEC J-STD-020C
Level 3
Protection
Short-circuit
Auto reset
12 A typ.
Environmental Specifications
General Specifications
Efficiency
See Efficiency Table
95% max.
Insulation voltage
Non-isolated
Switching frequency
550 kHz to 650 Khz
Approvals and
standards
EN60950
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
22.10 x 12.57 x 8.50 mm
0.870 x 0.495 x 0.335 in.
Weight
2.9 g (0.10 oz)
MTBF demonstrated
Telcordia SR-332F
7,092,000 hours
Ordering Information
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(Min.)
Output Current
(Max.)
Efficiency
(Typ.)
Regulation2
Model Number
Line
Load
21.6 W
4.5 - 5.5 Vdc
0.8 - 3.6 V
0 A
6 A
95%
± 10 mV
± 12 mV
PTH05050



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com