Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTV05020 Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTV05020
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTV05020 Datasheet(HTML) 3 Page - Emerson Network Power

  PTV05020 Datasheet HTML 1Page - Emerson Network Power PTV05020 Datasheet HTML 2Page - Emerson Network Power PTV05020 Datasheet HTML 3Page - Emerson Network Power PTV05020 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
3
NEW Product
File Name: ptv05020w.pdf Rev (02): 16 Dec 2005
OUTPUT CURRENT (A)
3.3V
1.8V
1.2V
0.8V
70
80
90
100
036
9
15
Vout
60
50
12
18
OUTPUT CURRENT (A)
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
Nat conv
100 LFM
200 LFM
400 LFM
Figure 2 - Efficiency vs Load Current
Vin = 5 V (See Note B)
Figure 1 - Safe Operating Area
Vin = 5 V, Output Voltage = 3.3 V (See Note A)
PTV05020
5 Vin single output
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
3, 4
C2
22uF
Ceramic
(Required)
C3
330uF
Optional
Vin
Vo
Rset
1%
0.05W
Track
C1
680uF
(Required)
GND
Inhibit
GND
L
O
A
D
PTVxx020
9
8
1, 2
10. 11
12
5, 6
GND
Inhibit
Vo Adj
Vo
Vin
Track
Vo Sense
7
Sense
Figure 3 - Standard Application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com