Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8022MPV-PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8022MPV-PBF
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022MPV-PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8022MPV-PBF Datasheet HTML 9Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 10Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 11Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 12Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 13Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 14Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 15Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 16Page - Linear Technology LTM8022MPV-PBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8022
13
8022fb
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8022. However, these capacitors
can cause problems if the LTM8022 is plugged into a live
supply (see Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance, in series with the power
source, forms an underdamped tank circuit. In this case,
the voltage at the VIN pin of the LTM8022 can ring to
twice the nominal input voltage, possibly exceeding the
LTM8022’s rating and damaging the part. If the input
supply is poorly controlled or the user will be plug-
ging the LTM8022 into an energized supply, the input
network should be designed to prevent this overshoot.
Figure 5 shows the waveforms that result when an
LTM8022 circuit is connected to a 24V supply through six
feet of 24-gauge twisted pair. The first plot is the response
with a 2.2μF ceramic capacitor at the input. The input voltage
rings as high as 35V and the input current peaks at 20A.
One method of damping the tank circuit is to add another
capacitor with a series resistor to the circuit. In Figure 5b
an aluminum electrolytic capacitor has been added. This
capacitor’s high equivalent series resistance damps the
circuit and eliminates the voltage overshoot. The extra
capacitor improves low frequency ripple filtering and can
slightly improve the efficiency of the circuit, though it is
likely to be the largest component in the circuit. An
alternative solution is shown in Figure 5c. A 0.7
Ω resistor
is added in series with the input to eliminate the voltage
overshoot (it also reduces the peak input current). A 0.1μF
capacitor improves high frequency filtering. This solution
is smaller and less expensive than the electrolytic capacitor.
For high input voltages its impact on efficiency is minor,
reducing efficiency less than one half percent for a 5V
output at full load operating from 24V.
Thermal Considerations
The LTM8022 output current may need to be derated if it
is required to operate in a high ambient temperature or
deliver a large amount of power. The amount of current
derating is dependent upon the input voltage, output
power and ambient temperature. The derating curves
in the Typical Performance Characteristics section can
be used as a guide. These curves were generated by an
LTM8022 mounted to a 33cm2 4-layer FR4 printed circuit
board. Boards of other sizes and layer count can exhibit
different thermal behavior, so it is incumbent upon the user
to verify proper operation over the intended system’s line,
load and environmental operating conditions.
The die temperature of the LTM8022 must be lower than
the maximum rating of 125°C, so care should be taken in
the layout of the circuit to ensure good heat sinking of the
LTM8022. To estimate the junction temperature, approxi-
mate the power dissipation within the LTM8022 by applying
the typical efficiency stated in this datasheet to the desired
output power, or, if you have an actual module, by taking a
power measurement. Then calculate the temperature rise
of the LTM8022 junction above the surface of the printed
circuit board by multiplying the module’s power dissipation
by the thermal resistance. The actual thermal resistance
of the LTM8022 to the printed circuit board depends upon
the layout of the circuit board, but the thermal resistance
given on page 2, which is based upon a 33cm2 4-layer
FR4 PC board, can be used a guide.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current
(see Typical Performance Characteristics) increasing the
quiescent current of the LTM8022.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com